Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • TCS-63-R/Q

  • AI
    The **TCS-63-R/Q** series refers to high-performance, compact **Solid State Relays (SSRs)** or specific **Photocoupler/Photorelays** (often manufactured by companies like Toshiba or similar industrial electronic component providers). These parts are designed to replace traditional mechanical relays in high-speed switching and low-noise applications. --- ## 1. Core Electronic Specifications The "R" and "Q" suffixes typically denote specific variations in package style, output configuration, or thermal ratings. Below are the general electronic characteristics: | Parameter | Typical Value / Description | | :--- | :--- | | **Input Type** | LED (Infrared) | | **Output Type** | MOSFET / Photo-transistor | | **Isolation Voltage** | 2,500Vrms to 5,000Vrms (Safety Barrier) | | **Load Voltage** | Up to 60V - 400V (Model dependent) | | **Continuous Load Current** | 100mA to 2A (Varies by R/Q variant) | | **On-Resistance ($R_{ON}$)** | Low (typically < 1-2 Ohms for high efficiency) | --- ## 2. Key Components & Architecture ### Internal Structure The TCS-63 series consists of three primary internal stages: 1. **Input Stage:** An infrared Gallium Arsenide (GaAs) LED. When current flows through the LED, it emits light. 2. **Galvanic Isolation:** A transparent silicone or dielectric barrier that allows light to pass through but blocks high-voltage electricity between input and output. 3. **Output Stage:** A high-speed **MOSFET** array or a Photo-detector integrated with a driver circuit. ### Distinction between R and Q * **"R" Series:** Often denotes **Reduced On-Resistance** or a specific **Reel** packaging for automated SMT (Surface Mount Technology) assembly. * **"Q" Series:** Usually signifies **Qualified** industrial grade or a specific pin-out configuration (such as 4-pin vs 6-pin) optimized for space-constrained PCBs. --- ## 3. Advantages over Mechanical Relays The TCS-63 series is preferred in modern electronics for several reasons: * **No Contact Bounce:** Since there are no moving parts, there is no electrical "noise" or sparking. * **High Speed:** Switching times are measured in microseconds ($\mu s$), whereas mechanical relays take milliseconds ($ms$). * **Long Life:** It does not suffer from mechanical wear, providing a nearly infinite operational lifespan. * **Silent Operation:** Ideal for consumer electronics or medical environments. --- ## 4. Common Applications * **ATE (Automatic Test Equipment):** High-speed switching for semiconductor testing. * **Telecommunications:** Hook-switch circuits and ring detection. * **Programmable Logic Controllers (PLCs):** Interfacing between microcontrollers and high-voltage industrial actuators. * **Security Systems:** Silent alarm triggering. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum switching frequency for the TCS-63 series?
    • ⤷ How does the 'On-Resistance' of the Q variant compare to the R variant?
    • ⤷ What are the recommended thermal management practices for these SSRs?