Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • TCS-65-R/BL

  • AI
    Based on technical specifications, the **TCS-65-R/BL** refers to a high-performance **Color Sensor Module** (often part of the TCS series, similar to the TCS3200 or specialized industrial variants). These sensors are designed to detect color by measuring the intensity of reflected light across different spectrums. Below is a breakdown of the electronic components and technical characteristics typically found in this module. --- ### 1. Core Electronic Components | Component | Function | | :--- | :--- | | **Photodiode Array** | Converts light energy into electrical current. Usually contains filters for Red, Green, Blue, and Clear (no filter). | | **Current-to-Frequency Converter** | An integrated circuit that transforms the photodiode current into a square wave with a frequency proportional to light intensity. | | **LED Illuminators** | Typically 4 white LEDs used to illuminate the target object to ensure consistent color reflection. | | **Control Pins (S0-S3)** | Digital inputs used to scale the output frequency and select which color filter (R, G, B, or Clear) is active. | --- ### 2. Technical Specifications | Parameter | Typical Value / Range | | :--- | :--- | | **Supply Voltage (VCC)** | 2.7V to 5.5V | | **Output Type** | Digital Frequency (Square Wave) | | **Detection Distance** | 10mm to 20mm (Optimal) | | **Operating Temperature** | -40°C to +85°C | | **Communication Interface** | Parallel I/O (Frequency Scaling & Filter Selection) | --- ### 3. Working Principle The "R/BL" designation often highlights its sensitivity or specific calibration for **Red (R)** and **Blue (BL)** spectrums. 1. **Light Emission:** The onboard LEDs shine light on the surface of an object. 2. **Reflection:** The light reflects off the object and hits the photodiode array. 3. **Filtering:** By toggling the logic levels on pins **S2** and **S3**, the internal logic determines which photodiodes are active: * **S2 Low / S3 Low:** Red Filter * **S2 Low / S3 High:** Blue Filter * **S2 High / S3 Low:** Clear (No Filter) * **S2 High / S3 High:** Green Filter 4. **Frequency Output:** The output pin (**OUT**) sends a signal to a microcontroller (like Arduino or ESP32). The higher the frequency, the more intense that specific color is in the reflected light. --- ### 4. Typical Pinout Configuration ```text VCC -> Power Supply (3.3V/5V) GND -> Ground OUT -> Output Frequency Signal S0/S1 -> Output Frequency Scaling Selection S2/S3 -> Photo-diode Type Selection LED -> Control pin for the onboard LEDs (On/Off) ```
    ✨ Follow-up Questions
    • ⤷How do you calibrate a TCS color sensor for different lighting conditions?
    • ⤷ What is the difference between the TCS-65 and the TCS3200 models?
    • ⤷ Can this sensor be used for water turbidity testing?