Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • TCS-70-R/

  • AI
    The **TCS-70-R** is a specific model of a temperature control switch, typically used in commercial refrigeration, cooling systems, or thermal protection circuits. While "TCS-70-R" often refers to a thermal switch or a specialized thermostat controller, its electronic profile is defined by its switching capacity and sensing mechanism. --- ### 1. Technical Specifications Table The following table highlights the general electronic characteristics associated with this class of thermal control switches: | Feature | Description | | :--- | :--- | | **Switch Type** | SPST (Single Pole Single Throw) | | **Contact State** | Normally Closed (NC) or Normally Open (NO) | | **Voltage Rating** | 125V AC / 250V AC | | **Current Rating** | 5A to 10A (Depending on specific manufacturer) | | **Operating Temp** | 70°C (Fixed setpoint) | | **Housing Material** | Heat-resistant polymer or Ceramic | | **Terminal Type** | Quick Connect / Solder Tabs | --- ### 2. Key Electronic Components #### A. Bimetallic Disc The core electronic "logic" is mechanical. It consists of two bonded metals with different thermal expansion coefficients. At **70°C**, the disc snaps to a different shape, physically moving the contacts to open or close the circuit. #### B. Contact Points Usually made of silver alloy or gold-plated copper to minimize electrical resistance and prevent "arcing" during high-voltage switching. #### C. Internal Resistor (Optional) In some "R" suffix models (depending on the brand), a small internal heater or resistor might be present to provide thermal feedback, preventing rapid cycling (hunting) of the switch. --- ### 3. Circuit Application In most electronic designs, the TCS-70-R is wired in series with the power load. 1. **Overheat Protection:** The switch is placed in series with the power supply. If the internal environment hits 70°C, the switch opens, cutting power to prevent component failure. 2. **Cooling Activation:** In a "Normally Open" configuration, hitting 70°C closes the circuit to activate a cooling fan or an alarm buzzer. --- ### 4. Comparison of Variants | Part Suffix | Function | Use Case | | :--- | :--- | :--- | | **-R** | Reset/Reverse | Often indicates a specific reset behavior or reverse logic (NO vs NC). | | **Standard** | Fixed | Standard thermal cutout. |
    ✨ Follow-up Questions
    • ⤷ What is the difference between the NC and NO versions of this switch?
    • ⤷ How do I test a TCS-70-R using a multimeter?
    • ⤷ Can this switch be used in DC applications
    • ⤷ or is it AC only?