Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • TCS-7B-R/E

  • AI
    The **TCS-7B-R/E** is a specific model within the series of high-precision electronic counting scales, commonly used in industrial and commercial weighing applications. --- ## 1. Core Electronic Components The electronic architecture of the TCS-7B-R/E is centered around precision signal processing and user interface management. | Component | Description | Function | | :--- | :--- | :--- | | **Load Cell** | High-precision strain gauge | Converts physical weight into a millivolt (mV) analog signal. | | **A/D Converter** | 24-bit Analog-to-Digital Converter | Translates the weak analog signal from the load cell into digital data. | | **Microcontroller (MCU)** | 8-bit or 32-bit CPU | Processes weight data, handles unit conversions, and manages the memory for piece counts. | | **Display Unit** | Three-window LCD or LED | Simultaneously shows **Weight**, **Unit Weight**, and **Total Quantity**. | | **Power Module** | AC/DC Adapter + Lead-acid Battery | Provides stable DC voltage and manages charging for portability. | --- ## 2. Key Electronic Features The "R/E" suffix typically denotes specific interface or display variations (often "Remote" or "Enhanced" display/battery options). ### Signal Processing * **Zero-Tracking:** Electronic filtering that compensates for environmental changes (temperature/dust) to keep the scale at 0.00. * **A/D Resolution:** Usually features an internal resolution of up to 1/600,000 for accurate counting of very light parts. ### Power Management * **Battery Protection:** Includes a low-battery indicator and automatic shut-off to prevent deep discharge of the internal 6V/4Ah battery. * **Voltage Regulation:** Built-in regulators ensure that fluctuations in the AC mains do not affect the sensitive load cell excitation voltage. ### Connectivity * **RS-232 Interface:** Most models include a DB9 serial port for data transmission to a PC or a label printer. * **Baud Rate Settings:** Configurable via the internal service menu to match peripheral equipment. --- ## 3. Electrical Specifications ```yaml Standard Specifications: Input Voltage: 110V/220V AC (50-60Hz) Internal Battery: 6V Lead-acid rechargeable Excitation Voltage: 5V DC (to Load Cell) Operating Temp: 0°C to 40°C (32°F to 104°F) Signal Input Range: 0mV to 15mV ``` --- ## 4. Maintenance & Calibration Tips 1. **Leveling:** The electronic sensors are sensitive to gravity vectors; always use the leveling bubble. 2. **EMI/RFI:** Keep the scale away from high-frequency devices (like industrial motors or large radios) as the unshielded load cell cable can pick up electronic noise. 3. **Calibration:** If the weight drifts, a "Span Calibration" is required via the keypad, using a known standard weight to recalibrate the MCU's scale factor.
    ✨ Follow-up Questions
    • ⤷ What is the maximum weight capacity and accuracy for the TCS-7B-R/E model?
    • ⤷ How do I perform a span calibration on this specific electronic scale?
    • ⤷ Does this model support thermal printer integration via the RS-232 port?