Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • TCS-NC-R

  • AI
    The **TCS-NC-R** is typically associated with high-precision industrial weighing controllers or load cell transmitters used in automation. The electronic architecture of these devices is designed to convert weak analog signals from sensors into stable digital data for industrial communication. Below is an explanation of the primary electronic components and systems found within such a device. --- ### 1. Core Electronic Components The device operates through a chain of signal processing components: | Component | Function | Description | | :--- | :--- | :--- | | **A/D Converter** | Analog-to-Digital Conversion | High-resolution (usually 24-bit) Delta-Sigma converter to translate mV signals from load cells. | | **Microcontroller (MCU)** | Central Processing | Handles weight calculation, filtering algorithms, and communication protocols. | | **Signal Amplifier** | Low-noise Op-Amp | Amplifies the micro-volt signals from the strain gauges to a measurable range. | | **Excitation Circuit** | Sensor Power Supply | Provides a stable, regulated DC voltage (usually 5V or 10V) to the load cell. | | **Communication ICs** | Interface Drivers | RS485 (Modbus RTU), RS232, or Analog Output (4-20mA/0-10V) drivers. | --- ### 2. Functional Modules #### A. Input Stage (Load Cell Interface) The "NC" in the series often refers to **Non-Contact** or specific **Network Controller** capabilities. The electronic input stage utilizes a Wheatstone bridge interface. It includes: * **Surge Protection:** TVS diodes to protect against static and lightning strikes. * **EMI/RFI Filtering:** Ferrite beads and capacitors to prevent high-frequency noise from affecting weight stability. #### B. Power Management Industrial units like the TCS-NC-R usually feature a wide-range DC power input (e.g., 12-24V DC). The internal power electronics include: * **Linear Regulators (LDO):** Used for the sensitive analog side to ensure minimal ripple noise. * **Switching Regulators:** Used for the digital logic to improve energy efficiency. #### C. Output and Connectivity The "R" suffix often denotes **Relay Outputs** or **RS485** capability: 1. **Relay Logic:** Used for batching or limit alarms (Setpoints). 2. **Digital Bus:** Integration with PLCs via Modbus protocols. --- ### 3. Technical Specifications (Electronic) Typical electronic characteristics for this class of controller: * **Internal Resolution:** Up to 1/1,000,000. * **Sampling Rate:** Variable, typically 10Hz to 80Hz (or higher for dynamic weighing). * **Display:** LED or LCD driven by a dedicated segment driver IC. * **Isolation:** Optocouplers are often used to isolate the communication ports from the main processing logic to prevent ground loops. --- ### 4. Simplified Circuit Block Diagram ```mermaid graph LR A[Load Cell] --> B[Amplifier & Filter] B --> C[24-bit A/D Converter] C --> D[Microcontroller] D --> E[RS485/Relay Output] D --> F[Display Panel] G[Power Supply 24V] --> D ```
    ✨ Follow-up Questions
    • ⤷ What are the specific pinout configurations for the RS485 port on this model?
    • ⤷ How do you calibrate the TCS-NC-R using the internal electronic settings?
    • ⤷ What is the maximum number of load cells that can be connected to the TCS-NC-R electronics?