Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • TDC10-2-R

  • AI
    The **TDC10-2-R** is a specific electronic component within the category of **Telecommunication Fuses**. It is part of the Cooper Bussmann (Eaton) series designed specifically for the protection of telecommunications equipment, particularly in high-voltage DC environments. --- ### 1. Key Technical Specifications The part number follows a specific nomenclature that defines its electrical and physical characteristics. | Parameter | Value / Specification | | :--- | :--- | | **Product Type** | Telecommunications Fuse | | **Current Rating** | 2 Amperes | | **Voltage Rating** | 250V AC / 160V DC | | **Interrupting Rating** | 1.5 kA at 250V AC / 10 kA at 160V DC | | **Package/Case** | Ceramic Tube | | **Termination Style** | Ferrule (Clip-on) | | **Dimensions** | Approx. 6.3mm x 32mm (1/4" x 1-1/4") | | **Compliance** | RoHS Compliant (indicated by the "-R" suffix) | --- ### 2. Breakdown of the Part Number Understanding the naming convention helps in identifying the specific variant: * **TDC10**: The series identifier. This series is known for its high-speed response and high DC voltage tolerance, specifically for telecom racks and power distribution units. * **2**: The current rating in Amperes. In this case, it is a **2A** fuse. * **-R**: Indicates **RoHS compliance**, meaning the part is lead-free and meets environmental safety standards. --- ### 3. Core Electronic Features The TDC10-2-R is not a standard glass fuse; it is engineered for precision and safety in industrial settings. * **Ceramic Body Construction:** Unlike glass fuses, the ceramic body allows for a much higher breaking capacity (interrupting rating). If a high-current surge occurs, the ceramic body prevents the fuse from shattering. * **Fast-Acting Characteristic:** This fuse is designed to open (blow) quickly when the current exceeds its rating, protecting sensitive semiconductor components in telecom circuits. * **High DC Capability:** Most standard fuses are rated primarily for AC. The TDC10 series is optimized to handle **160V DC**, which is critical for 48V telecom battery systems where high-energy arcs can be difficult to extinguish. --- ### 4. Common Applications This part is typically found in: 1. **Remote Terminal Units (RTUs):** Protecting logic and control circuits. 2. **Digital Loop Carrier (DLC) Systems:** Ensuring power line safety. 3. **T1/E1 Lines:** Protecting communication equipment from power cross-over or surges. 4. **Power Distribution Units (PDUs):** Acting as the secondary protection layer for telecom equipment racks.
    ✨ Follow-up Questions
    • ⤷ What are the main differences between a ceramic fuse like the TDC10 and a standard glass fuse?
    • ⤷ Can the TDC10-2-R be used in AC applications despite its focus on telecom DC systems?
    • ⤷ How does the 'Interrupting Rating' of 10 kA affect the safety of a telecom power supply?