Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • TFS398L

  • AI
    The **TFS398L** is a high-performance **Surface Acoustic Wave (SAW) Filter** designed specifically for wireless communication systems. It is primarily used to provide high selectivity and low insertion loss in radio frequency (RF) circuits. --- ### 1. Key Technical Specifications The following table summarizes the primary electronic characteristics of the TFS398L: | Parameter | Typical Value | Unit | | :--- | :--- | :--- | | **Center Frequency ($f_c$)** | 398.0 | MHz | | **Insertion Loss** | 3.5 - 5.0 | dB | | **Bandwidth (1dB)** | ± 4.0 | MHz | | **Amplitude Ripple** | < 1.0 | dB | | **Input/Output Impedance** | 50 (standard) | $\Omega$ | | **Operating Temperature** | -40 to +85 | °C | | **Package Type** | SMD (Surface Mount) | - | --- ### 2. Functional Electronic Components The TFS398L is not a single transistor or IC, but an electromechanical component. Its internal structure consists of: * **Piezoelectric Substrate:** Usually made of Quartz or Lithium Tantalate ($LiTaO_3$). This material converts electrical signals into mechanical (acoustic) waves and back again. * **Interdigital Transducers (IDTs):** These are comb-like metallic electrodes evaporated onto the substrate. The spacing of these "teeth" determines the center frequency (398 MHz). * **Acoustic Absorbers:** Placed at the edges of the substrate to prevent wave reflections that would cause signal interference or "ghosting." --- ### 3. Application in Circuits In an electronic circuit, the TFS398L acts as a "gatekeeper" for frequencies. #### Typical Circuit Integration ```mermaid graph LR A[Antenna/LNA] --> B[Matching Network] B --> C{TFS398L SAW Filter} C --> D[Matching Network] D --> E[Mixer/Demodulator] ``` * **Matching Networks:** Because SAW filters have specific capacitive components, inductors (L) and capacitors (C) are often placed at the input and output to match the 50 Ohm impedance of the surrounding system. * **Noise Reduction:** It is used in the **IF (Intermediate Frequency) stage** or **RF front-end** to suppress out-of-band noise and prevent interference from other wireless signals. --- ### 4. Common Use Cases * **Wireless Data Links:** Low-power radio modules operating near the 400 MHz band. * **Remote Control Systems:** Industrial garage door openers or security systems. * **Telemetry:** Remote sensor monitoring where a stable 398 MHz frequency is required.
    ✨ Follow-up Questions
    • ⤷ What are the specific impedance matching requirements for the TFS398L?
    • ⤷ How does temperature drift affect the center frequency of this SAW filter?
    • ⤷ What are the common pinout configurations for the TFS398L SMD package?