Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • TG0-223-R

  • AI
    The **TG0-223-R** is a specific electronic component, typically categorized as a **Microphone / Acoustic Sensor**, manufactured by companies like **Knowles**. It is part of the "Subminiature Performance" line, often used in professional audio, hearing aids, and high-end communication devices. --- ### 1. Technical Specifications The following table outlines the key electrical and physical characteristics of the TG0-223-R: | Feature | Specification | | :--- | :--- | | **Component Type** | Electret Condenser Microphone (ECM) | | **Output Type** | Analog | | **Directionality** | Omnidirectional | | **Sensitivity** | -42 dB to -45 dB (standard range) | | **Operating Voltage** | 1.3V to 10V DC | | **Current Consumption** | ~50 µA (Low power) | | **Signal-to-Noise Ratio (SNR)** | ~60+ dB | | **Port Location** | Top Ported | --- ### 2. Internal Electronic Structure The TG0-223-R operates based on the principle of variable capacitance. Internally, it consists of: * **Diaphragm:** A thin, charged membrane that vibrates in response to sound waves. * **Backplate:** A fixed electrode that creates a capacitor with the diaphragm. * **FET (Field Effect Transistor):** Because the impedance of the capsule is extremely high, an internal FET acts as an **Impedance Converter**. It converts the high-impedance signal to a low-impedance signal suitable for standard audio circuits. * **RC Filter:** Some variants include internal resistors and capacitors to filter out electromagnetic interference (EMI). --- ### 3. Application Areas Due to its small form factor and high reliability, this component is found in: 1. **Hearing Health:** Digital and analog hearing aids. 2. **Military/Security:** Discrete surveillance equipment and rugged communication headsets. 3. **Consumer Electronics:** High-fidelity lapel microphones and wearable tech. 4. **Medical:** Stethoscopes and acoustic diagnostic tools. --- ### 4. Implementation Code Example When interfacing this analog part with a microcontroller (like an Arduino or ESP32) for sound level detection, you would typically use an Op-Amp to boost the signal before sampling via ADC. ```cpp // Basic Analog Read for Microphone Signal const int micPin = A0; // Connected to the output of a preamp circuit void setup() { Serial.begin(9600); pinMode(micPin, INPUT); } void loop() { int sensorValue = analogRead(micPin); float voltage = sensorValue * (5.0 / 1023.0); // Output the raw voltage to Serial Plotter Serial.println(voltage); delay(1); } ``` ---
    ✨ Follow-up Questions
    • ⤷What is the difference between top-ported and bottom-ported microphones?
    • ⤷ Does the TG0-223-R require an external pre-amplifier for Arduino projects?
    • ⤷ What are the soldering precautions for subminiature acoustic components?