Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • TH5..

  • AI
    Based on the context of electronic components and industrial modules, the prefix **TH5** typically refers to a specific series of **NTC (Negative Temperature Coefficient) Thermistors** or specialized **Solid State Relay (SSR)** components. Below is a detailed breakdown of these electronic parts. --- ## 1. TH5 Series: NTC Thermistors The most common "TH5" electronic part is a disc-type NTC thermistor. These are used primarily for temperature sensing and compensation. ### Technical Specifications | Feature | Description | | :--- | :--- | | **Material** | Metal oxide ceramic (manganese, nickel, cobalt) | | **Resistance Range** | Typically 100Ω to 500kΩ at 25°C | | **Tolerance** | ±1%, ±5%, or ±10% | | **Operating Temp** | -40°C to +125°C | | **Coating** | Epoxy resin or Phenolic resin | ### Applications * **Temperature Measurement:** Used in digital thermometers and weather stations. * **Temperature Compensation:** Protecting sensitive circuits from heat-induced drift. * **Inrush Current Limiting:** Preventing power spikes when a device is first turned on. --- ## 2. TH5 Integrated Circuits (ICs) In some manufacturing catalogs, TH5 refers to specific Logic Gates or Interface ICs (often from older Toshiba or Hitachi series). ### Common Characteristics * **Package Type:** SOP (Small Outline Package) or DIP (Dual In-line Package). * **Function:** Signal processing or high-speed switching. * **Voltage Range:** Typically 3.3V to 5V logic levels. --- ## 3. TH5 Series Solid State Relays (SSR) Certain industrial manufacturers use the TH5 designation for high-performance Solid State Relays. ### Key Features * **Opto-Isolation:** Uses light to transfer signals, providing high electrical isolation between input and output. * **Zero-Cross Triggering:** Switches on at the zero-voltage point of the AC cycle to reduce electromagnetic interference (EMI). * **Durability:** No moving parts, meaning no mechanical wear or contact arcing. --- ## 4. Part Number Decoding Example When ordering a TH5 part, the suffix is critical. Here is how a typical part number might look: `TH5-103F3435` * **TH5:** Series (Disc NTC). * **103:** Resistance value (10 + 3 zeros = 10,000Ω or 10k). * **F:** Tolerance (F = ±1%). * **3435:** B-constant (The material constant determining the resistance-temperature curve). ---
    ✨ Follow-up Questions
    • ⤷ Are you looking for the TH5 thermistor datasheet specifically for temperature sensing?
    • ⤷ Is the TH5 part you are referring to part of a specific brand like Toshiba or Littelfuse?
    • ⤷ Do you need help calculating the B-value for a TH5 NTC resistor?