Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • TIP53

  • AI
    ## Overview of the TIP53 Transistor The **TIP53** is a high-voltage, NPN power transistor designed for use in power switching and amplifier applications. It is part of a series often used in industrial and consumer electronics due to its robustness and ease of mounting. --- ### 1. Key Technical Specifications The following table highlights the absolute maximum ratings and electrical characteristics for the TIP53: | Characteristic | Symbol | Value | Unit | | :--- | :--- | :--- | :--- | | **Collector-Emitter Voltage** | $V_{CEO}$ | 250 | Volts | | **Collector-Base Voltage** | $V_{CBO}$ | 300 | Volts | | **Emitter-Base Voltage** | $V_{EBO}$ | 5.0 | Volts | | **Collector Current (Continuous)** | $I_C$ | 5.0 | Amperes | | **Collector Current (Peak)** | $I_{CP}$ | 10 | Amperes | | **Total Power Dissipation ($T_C = 25^\circ C$)** | $P_D$ | 80 | Watts | | **DC Current Gain** | $h_{FE}$ | 30 - 150 | - | --- ### 2. Physical Construction and Pinout The TIP53 is typically housed in a **TO-220** plastic package. This package features a metal tab connected to the collector, which allows for attachment to a heat sink to manage thermal dissipation. **Pin Configuration (Front View):** 1. **Base:** Controls the flow of current between the collector and emitter. 2. **Collector:** The terminal through which current enters (connected to the load). 3. **Emitter:** The terminal through which current exits (connected to ground or common). --- ### 3. Common Applications Due to its high voltage rating and moderate current handling, the TIP53 is commonly used in: * **Switching Regulators:** Managing power conversion in power supplies. * **Solenoid/Relay Drivers:** Handling the inductive spikes and current requirements of mechanical actuators. * **Audio Amplifiers:** Used in the output stage of high-power audio systems. * **DC-to-DC Converters:** Transforming voltage levels in electronic circuits. --- ### 4. Implementation Example (Basic Switch) In a simple switching circuit, a small current at the base ($I_B$) controls a much larger current flowing through the collector ($I_C$). ```python # Simple Logic for Saturation Check # Vcc = Supply Voltage, Rc = Load Resistance # hFE = Current Gain Ic_required = Vcc / Rc Ib_needed = Ic_required / hFE_min if Ib_applied > Ib_needed: print("Transistor is in Saturation (Fully ON)") else: print("Transistor is in Active Region") ``` --- ### 5. Selection Considerations * **Thermal Management:** Because the TIP53 can dissipate up to 80W, a **heat sink** is mandatory for high-power applications to prevent thermal runaway. * **Complementary Pair:** The PNP complement for the TIP53 is the **TIP54**, used together in push-pull amplifier configurations.
    ✨ Follow-up Questions
    • ⤷What are the differences between TIP53 and TIP41?
    • ⤷ How do I calculate the heat sink size for a TIP53?
    • ⤷ Can TIP53 be used in high-frequency PWM applications?