Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • TL1093-AB3-R

  • AI
    The **TL1093-AB3-R** is a specific integrated circuit, most commonly identified as a **high-precision shunt regulator** or an **Adjustable Precision Zener Shunt Regulator**. It is designed to provide a stable reference voltage for electronic circuits. --- ## 1. Technical Specifications The part number breaks down its specific characteristics (often synonymous with the TL431 family standards). Below are the key technical parameters: | Parameter | Specification | | :--- | :--- | | **Output Voltage Range** | 2.495V to 36V (Adjustable) | | **Voltage Reference Accuracy** | ±1% (Standard for 'A' Grade) | | **Sink Current Capability** | 1.0mA to 100mA | | **Output Impedance** | 0.22 $\Omega$ (Typical) | | **Package Type** | SOT-89 (Commonly denoted by 'AB3') | | **Operating Temperature** | -40°C to +125°C | --- ## 2. Functional Pins In the **SOT-89** package, the device typically features three pins: 1. **Reference (Ref):** Used to set the output voltage via a resistor divider. 2. **Anode (A):** The negative terminal, usually connected to the system ground. 3. **Cathode (K):** The positive terminal, which "sinks" current to maintain the regulated voltage. --- ## 3. Circuit Application The TL1093 functions as a programmable Zener diode. By using two external resistors ($R1$ and $R2$), the output voltage ($V_{out}$) is determined by the following formula: $$V_{out} = V_{ref} \times (1 + \frac{R1}{R2})$$ ### Common Use Cases: * **Switch Mode Power Supplies (SMPS):** Used in the feedback loop (often paired with an optocoupler) to regulate the secondary side voltage. * **Voltage Monitoring:** Acts as a comparator for over-voltage or under-voltage detection. * **Current Limiters:** Can be configured to provide constant current sources. --- ## 4. Part Number Breakdown The suffixing usually follows industry-standard naming conventions: * **TL1093:** Series name (Precision Reference). * **A:** 1% Voltage tolerance. * **B3:** SOT-89 Package code. * **R:** Tape and Reel packaging (for automated assembly). ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between TL1093 and the standard TL431?
    • ⤷ Can you provide a circuit diagram for using this as a 5V regulator?
    • ⤷ What are the power dissipation limits for the SOT-89 package version?