Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • TLC393D

  • AI
    ## Overview of the TLC393D The **TLC393D** is a dual micropower LinCMOS™ voltage comparator. It is designed to operate from a single supply and is widely used in battery-powered applications due to its extremely high input impedance and low power consumption. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Comparator Type** | Dual (Two independent channels) | | **Technology** | LinCMOS™ (Low power, high input impedance) | | **Supply Voltage ($V_{DD}$)** | 3V to 16V | | **Supply Current** | Typical 40 $\mu$A (Total for both comparators) | | **Input Impedance** | $10^{12}$ $\Omega$ | | **Output Type** | Push-Pull (No pull-up resistor required) | | **Package Type** | SOIC-8 (Surface Mount) | --- ### 2. Functional Description #### High Input Impedance Because it uses CMOS transistors at the input stage, the TLC393D draws almost zero current from the source ($5 \text{ pA}$ typical). This makes it ideal for sensing high-impedance signals without loading the circuit. #### Push-Pull Output Unlike common comparators like the LM393 (which has an open-collector output), the TLC393D features a **Push-Pull output**. * **Advantage:** It can drive loads high or low directly without needing an external pull-up resistor. * **Efficiency:** It reduces component count and saves board space. #### Low Power Consumption The "Micropower" designation means it is optimized for minimal current draw, extending battery life in portable electronics. --- ### 3. Pin Configuration (SOIC-8) | Pin Number | Symbol | Function | | :--- | :--- | :--- | | 1 | 1OUT | Output of Comparator 1 | | 2 | 1IN- | Inverting Input of Comparator 1 | | 3 | 1IN+ | Non-inverting Input of Comparator 1 | | 4 | GND | Ground / Negative Supply | | 5 | 2IN+ | Non-inverting Input of Comparator 2 | | 6 | 2IN- | Inverting Input of Comparator 2 | | 7 | 2OUT | Output of Comparator 2 | | 8 | $V_{DD}$ | Positive Supply Voltage | --- ### 4. Typical Applications * **Battery Monitors:** Checking if a battery voltage has dropped below a specific threshold. * **Zero-Crossing Detectors:** Identifying when an AC signal crosses 0V. * **Level Shifters:** Converting logic signals between different voltage levels. * **Oscillators:** Creating square wave generators with minimal power draw. --- ### 5. Implementation Example (Basic Comparator) ```python # Logic Table for TLC393D # If IN+ > IN-, Output = High (VDD) # If IN+ < IN-, Output = Low (GND) ``` To prevent "chatter" or noise oscillation when the inputs are nearly equal, it is recommended to add a small amount of **Hysteresis** using a feedback resistor. ---
    ✨ Follow-up Questions
    • ⤷ What is the main difference between TLC393 and the standard LM393?
    • ⤷ How do I calculate the hysteresis resistors for the TLC393D?
    • ⤷ Can the TLC393D be used with a dual (+/-) power supply?