Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • TLP808NETG

  • AI
    The **TLP808NETG** is a professional-grade surge protector manufactured by **Tripp Lite** (a brand under Eaton). It is specifically designed to protect sensitive networking equipment, computers, and home theater systems from power surges, spikes, and line noise. --- ## 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Joule Rating** | 3240 Joules | | **Outlets** | 8 NEMA 5-15R (includes 3 spaced for transformers) | | **Input Cord** | 8 ft. (2.44 m) with Right-Angle Plug | | **Data Line Protection** | RJ45 (Ethernet) & RJ11 (Tel/DSL) | | **Clamping Voltage** | 150V | | **AC Suppression Response Time** | < 1 nanosecond | --- ## 2. Electronic Protection Components The TLP808NETG utilizes several internal electronic mechanisms to ensure equipment safety: ### A. Metal Oxide Varistors (MOVs) The core of the 3240-joule rating comes from a bank of high-capacity MOVs. These components act as pressure-relief valves for electricity. When voltage exceeds a safe threshold, the MOVs divert the excess energy to the ground line, preventing it from reaching your devices. ### B. EMI/RFI Noise Filtering This unit contains an internal filter circuit (capacitors and inductors) designed to eliminate **Electromagnetic Interference** and **Radio Frequency Interference**. This results in: * Clearer audio/video signals in home theaters. * Reduced "glitching" or freezing in computer systems caused by line noise. ### C. Data Line Protection (RJ45/RJ11) Unlike standard power strips, this model includes circuitry to protect data paths. A surge can travel through an Ethernet cable or a phone line just as easily as a power cord. The TLP808NETG clamps these lines to prevent "backdoor" surges from frying network cards or modems. ### D. Thermal Fusing In the event of a catastrophic or sustained over-voltage (such as a direct lightning strike nearby), internal thermal fuses will melt to permanently disconnect the circuit, sacrificing the protector to save the connected equipment. --- ## 3. Status Indicators & Features ### Diagnostic LEDs * **Protected (Green):** Indicates the surge suppression components are intact and providing protection. * **Grounded (Red):** Confirms the wall outlet is properly grounded. If this light is off, the surge protection cannot function correctly because it has no path to divert excess energy. ### Safety Design * **Integrated 15A Circuit Breaker:** Protects against overloads that could cause fires. * **Child-Safety Covers:** The outlets feature sliding covers to prevent accidental contact with live terminals. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between a surge protector and a power strip in terms of internal components?
    • ⤷ How do I know if the MOVs in my TLP808NETG have expired?
    • ⤷ Can this unit protect against a direct lightning strike?