Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • TLV2211CDBVR

  • AI
    ## Technical Overview of the TLV2211CDBVR The **TLV2211CDBVR** is a high-performance, single-channel operational amplifier (op-amp) manufactured by Texas Instruments. It belongs to the Advanced LinCMOS™ family and is specifically designed for low-voltage, battery-powered applications. --- ### 1. Key Specifications and Features The following table summarizes the primary electrical characteristics of the TLV2211 series: | Parameter | Specification | | :--- | :--- | | **Supply Voltage ($V_{CC}$)** | 2.7 V to 10 V (Single Supply) | | **Rail-to-Rail** | Output Only | | **Supply Current** | 2.4 µA (Typical) | | **Input Bias Current** | 1 pA (Typical) | | **Gain Bandwidth Product** | 65 kHz | | **Slew Rate** | 0.025 V/µs | | **Package Type** | SOT-23-5 | --- ### 2. Core Functional Components The internal architecture of the TLV2211 is built using **LinCMOS technology**, which provides several advantages for precision electronics: * **CMOS Input Stage:** This allows for extremely low input bias currents (pico-ampere range). This is critical when working with high-impedance sensors, as it minimizes signal distortion. * **Micropower Design:** With a typical current draw of only 2.4 µA, it is ideal for devices that must remain "always-on" while running on coin-cell batteries. * **Rail-to-Rail Output:** While the input is not rail-to-rail, the output can swing very close to the supply rails, maximizing the dynamic range of the signal processing. --- ### 3. Pin Configuration (SOT-23-5) The device is housed in a small 5-pin SOT-23 package, defined as follows: 1. **OUT:** Output of the amplifier. 2. **VCC-:** Negative supply (usually Ground in single-supply circuits). 3. **IN+:** Non-inverting input. 4. **IN-:** Inverting input. 5. **VCC+:** Positive supply voltage. --- ### 4. Typical Application Circuit Because of its low power consumption and high input impedance, it is often used in **active filters** or **sensor interfaces**. ```python # Conceptual Gain Calculation for Non-Inverting Configuration # Gain = 1 + (Rf / R1) R_feedback = 1000000 # 1 Megaohm R_input = 100000 # 100 Kiloohm gain = 1 + (R_feedback / R_input) print(f"Voltage Gain: {gain}") # Output: 11.0 ``` --- ### 5. Common Use Cases * **Portable Medical Equipment:** Pulse oximeters and glucose meters. * **Environmental Sensors:** Battery-operated smoke detectors or gas sensors. * **Buffer Amplifiers:** Used to isolate sensitive high-impedance sources from the rest of the circuit. * **Data Acquisition:** Low-speed signal conditioning for microcontrollers.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the TLV2211 and the TLV2211A variants?
    • ⤷ How does the rail-to-rail output benefit low-voltage designs?
    • ⤷ Can the TLV2211 be used in high-frequency applications?