Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • TLV2711CDBVT

  • AI
    ### Technical Overview: TLV2711CDBVT The **TLV2711CDBVT** is a high-performance CMOS operational amplifier (Op-Amp) manufactured by Texas Instruments. It is specifically designed for low-voltage and low-power applications, featuring "Rail-to-Rail" output capabilities. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Supply Voltage Range** | 2.7 V to 10 V (Single Supply) | | **Quiescent Current** | 13 µA (Typical) | | **Output Type** | Rail-to-Rail | | **Gain Bandwidth Product** | 63 kHz | | **Input Bias Current** | 1 pA (Typical) | | **Package Type** | SOT-23-5 | | **Operating Temperature** | 0°C to 70°C | --- ### 2. Functional Features * **Micropower Operation:** With a supply current of only 13 µA, this component is ideal for battery-operated devices where power conservation is critical. * **Rail-to-Rail Output:** The output voltage can swing very close to the positive and negative supply rails, maximizing the dynamic range of the signal. * **CMOS Inputs:** The high input impedance (low bias current) makes it suitable for interfacing with high-impedance sensors or for use in integrator circuits. * **Low Voltage:** Optimized for 3V and 5V systems, common in modern digital-to-analog interfaces. --- ### 3. Pin Configuration (SOT-23-5) The TLV2711CDBVT uses a standard 5-pin SOT-23 package. The typical pinout is as follows: | Pin Number | Signal Name | Description | | :--- | :--- | :--- | | 1 | **OUT** | Amplifier Output | | 2 | **VCC- / GND** | Negative Supply or Ground | | 3 | **IN+** | Non-inverting Input | | 4 | **IN-** | Inverting Input | | 5 | **VCC+** | Positive Supply | --- ### 4. Typical Applications 1. **Portable Medical Equipment:** Devices like glucose meters or heart rate monitors. 2. **Battery Management:** Voltage sensing in power-sensitive handheld electronics. 3. **Sensor Signal Conditioning:** Amplifying small signals from high-impedance sensors (e.g., pH probes or light sensors). 4. **Active Filters:** Low-frequency filtering in consumer electronics. --- ### 5. Implementation Example Below is a simple code-like representation of how one might model the transfer function of this Op-Amp in a non-inverting configuration: ```python # Simplified Gain Calculation for TLV2711 def calculate_output(v_in, r_feedback, r_ground): """ Vout = Vin * (1 + Rf / Rg) Constraint: Vout must be within Rail-to-Rail limits (approx. Vcc) """ gain = 1 + (r_feedback / r_ground) v_out = v_in * gain return v_out # Example: 1V input, 10k feedback, 10k ground resistor print(f"Output Voltage: {calculate_output(1.0, 10000, 10000)}V") ```
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the TLV2711 and the TLV2721 models?
    • ⤷ How does the 'Rail-to-Rail' output benefit low-voltage designs?
    • ⤷ Can this Op-Amp be used with a dual power supply (+/- voltage)?