Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • TM-R-B

  • AI
    The **TM-R-B** is a high-performance, rotary-style electronic component, typically classified as a **Rotary Encoder** or a **Torary Torque Sensor**, depending on the specific manufacturer (most commonly associated with industrial automation brands like Mitsubishi or specialized sensor manufacturers). Below is a breakdown of its electronic characteristics and technical specifications. --- ## 1. Core Technical Specifications The electronic architecture of the TM-R-B series focuses on high-resolution feedback and durability. | Feature | Specification Details | | :--- | :--- | | **Sensor Type** | Optical or Magnetic Rotary Encoder | | **Voltage Supply** | Typically 5V DC or 12-24V DC (Model dependent) | | **Output Signal** | Incremental (A, B, Z phase) or Absolute (Serial/SSI) | | **Current Consumption** | 50mA to 150mA (typical) | | **Connection Type** | Multi-pin aviation connector or pigtail cable | | **Protection Class** | IP65 or higher (dust and moisture resistant) | --- ## 2. Key Electronic Components The internal circuitry of a TM-R-B unit generally consists of the following subsystems: ### A. Sensing Element * **Photoelectric Disc:** For optical models, an etched glass or plastic disc rotates between an LED and a phototransistor. * **Hall Effect Sensors:** For magnetic models, a permanent magnet rotates over an integrated circuit that detects changes in the magnetic field. ### B. Signal Processing Unit * **ASIC (Application Specific Integrated Circuit):** Converts raw analog sine/cosine waves from the sensor into digital pulses. * **Interpolation Circuitry:** Increases the resolution of the unit electronically, allowing for thousands of pulses per revolution (PPR). ### C. Output Driver Stage * **Line Driver (RS-422):** Used for long-distance transmission to minimize electronic noise. * **Push-Pull / Open Collector:** Common for shorter distances and simpler PLC integrations. --- ## 3. Wiring and Pinout Configuration While pinouts can vary, a standard TM-R-B electronic interface follows this general logic: ```yaml Pin 1: VCC (Power Supply +) Pin 2: GND (0V / Common) Pin 3: Phase A (Position data) Pin 4: Phase B (Direction data) Pin 5: Phase Z (Index/Home pulse) Pin 6: Shield (EMI Protection) ``` --- ## 4. Operational Principles 1. **Pulse Generation:** As the shaft rotates, the electronic disc interrupts a light beam or shifts a magnetic field. 2. **Quadrature Encoding:** Two signals (A and B) are generated 90 degrees out of phase. The electronics interpret which signal leads the other to determine the **direction** of rotation. 3. **Zero-Point Detection:** The "Z" phase provides a single electronic pulse per full 360-degree rotation, used for homing the machine.
    ✨ Follow-up Questions
    • ⤷ What is the maximum pulse per revolution (PPR) for the TM-R-B series?
    • ⤷ How do I troubleshoot a 'No Signal' error on this encoder?
    • ⤷ Is the TM-R-B compatible with standard 24V PLC inputs?