Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • TM5SAO2L

  • AI
    ## TM5SAO2L Electronic Module Overview The **TM5SAO2L** is an analog output module belonging to the **Schneider Electric Modicon TM5** expansion system. It is designed for use with Modicon M258 and LMC058 controllers, providing precise voltage or current control for industrial actuators. ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Output Type** | 2 Analog Outputs | | **Resolution** | 12 bits + sign (or 13 bits) | | **Output Range** | +/- 10 V or 0...20 mA / 4...20 mA | | **Isolation** | 500 Vrms between bus and output electronics | | **Power Consumption** | 32 mA at 5 Vdc (internal) | | **Sampling Period** | 1 ms | --- ### 2. Internal Electronic Architecture The module consists of several critical electronic stages that ensure signal integrity and protection: * **Bus Interface:** Communicates with the TM5 bus using a proprietary protocol to receive digital values from the CPU. * **Digital-to-Analog Converter (DAC):** Converts the 13-bit digital signal into a low-voltage analog representation. * **Signal Conditioning Stage:** Amplifies and filters the DAC output to reach standard industrial levels (10V or 20mA). * **Galvanic Isolation:** Uses optocouplers or magnetic isolators to separate the sensitive logic circuitry from the high-voltage/noisy field side. * **Short-Circuit Protection:** The voltage outputs include current-limiting circuits to prevent damage if the output is wired incorrectly. --- ### 3. Wiring and Terminal Layout The module is typically mounted on a **TM5ACBM** bus base and uses a **TM5ACTB12** terminal block. | Terminal | Label | Function | | :--- | :--- | :--- | | 1 | AQ0 | Analog Output Channel 0 | | 2 | AQ1 | Analog Output Channel 1 | | 3 | 0V | Common Reference for AQ0/AQ1 | | 4 | FE | Functional Earth (Shielding) | --- ### 4. Status LED Indicators The electronic health of the module is displayed via front-facing LEDs: 1. **Status (S):** * **Green:** Normal operation. * **Red:** Module detected an internal hardware error. * **Flashing Green:** Pre-operational mode or firmware update. 2. **Channel LEDs:** Indicate if the specific output channel is active or if a diagnostic fault (like an open loop in current mode) exists.
    ✨ Follow-up Questions
    • ⤷ How do I configure the TM5SAO2L for current (4-20mA) vs voltage (0-10V) in EcoStruxure?
    • ⤷ What is the maximum load resistance supported for the current output?
    • ⤷ How does the module handle 'Fallback' values if communication with the PLC is lost?