Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • TM5SDO2S

  • AI
    The **TM5SDO2S** is a digital output module belonging to the Schneider Electric Modicon TM5 expansion system. It is designed for safety-related applications, specifically integrated into the **Safety Logic Controller** architecture. --- ### ## Technical Specifications Overview The TM5SDO2S is characterized by its high-reliability components designed to meet SIL3 (Safety Integrity Level) standards. | Feature | Specification | | :--- | :--- | | **Output Type** | 2 Digital Outputs (Safety Related) | | **Voltage Category** | 24 V DC | | **Current Rating** | 0.5 A per channel | | **Safety Level** | SIL3 (IEC 61508), PLe (ISO 13849-1) | | **Isolation** | 500 Vrms between electronics and I/O | | **Power Consumption** | 450 mW (Internal) | --- ### ### Key Electronic Components & Internal Parts The electronic design of the TM5SDO2S focuses on redundancy and self-diagnosis: 1. **Microprocessor Architecture:** * It features dual internal processors (redundant design) that constantly compare states. If a discrepancy is detected between the two logic paths, the module triggers a "Safe State" (switching outputs off). 2. **Output Transistors (MOSFETs):** * The module utilizes high-side switches. Unlike standard modules, these are designed to withstand short circuits and overloads while providing feedback to the logic controller regarding the actual state of the output pin. 3. **Diagnostic Circuitry:** * **Test Pulses:** The electronics generate very brief "off-pulses" (dark tests) to verify that the output can still be turned off. This detects stuck-on failures. * **Voltage Monitoring:** Internal sensors monitor the 24V I/O power segment to ensure the voltage remains within the safety functional range. 4. **Isolation Barrier:** * Optocouplers or magnetic isolators separate the internal TM5 bus (communication with the PLC) from the 24V field power to prevent surges from damaging the main controller. --- ### ### Physical Connection Parts The module consists of three distinct physical parts that snap together: * **Bus Base (TM5ACB1):** Provides the backplane connection for data and power distribution across the rail. * **Terminal Block (TM5ACTB12):** A removable spring-terminal connector where the field wiring (actuators) is attached. * **Electronic Module:** The main white plastic housing containing the PCBs and the status LEDs. ### ### Status Indicators (LEDs) The faceplate includes several diagnostic LEDs used to troubleshoot the electronic state: * **S (Status):** Indicates the safety communication state (Sercos/Safety protocol). * **I/O LEDs:** Indicate the logical state of the 2 output channels. * **Fault LEDs:** Red indicators that signal internal electronic hardware failures or external wiring issues (short circuits). ---
    ✨ Follow-up Questions
    • ⤷ How do the 'test pulses' in the TM5SDO2S affect standard DC loads?
    • ⤷ What is the difference between TM5SDO2S and a standard TM5DQ2T module?
    • ⤷ What specific bus base is required for mounting this safety module?