Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • TM5SDO2TAFS

  • AI
    The **TM5SDO2TAFS** is a Schneider Electric Modicon TM5 safety digital output module designed for use with safety-related controllers. It is specifically engineered to meet high-integrity safety standards in industrial automation. ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Discrete Output Number** | 2 | | **Output Type** | Digital, Source (P-MOSFET) | | **Rated Supply Voltage** | 24V DC | | **Output Current** | 0.5 A per channel | | **Safety Integrity Level** | SIL 3 (IEC 61508) | | **Performance Level** | PL e (Category 4, EN/ISO 13849-1) | | **Protection Type** | Short-circuit and Overload protection | --- ### 2. Electronic Components & Internal Architecture The module consists of several critical electronic sub-systems that ensure "fail-safe" operation: #### A. Microcontroller Redundancy To achieve SIL 3 certification, the module typically utilizes a **1oo2 (One out of Two) architecture**. Internally, two separate microprocessors monitor each other. If a discrepancy in logic occurs between the two, the module immediately enters a "safe state" (outputs de-energized). #### B. Output Stage (Switching) The outputs use high-side switching (Sourcing). * **Dual-Series Switching:** Each output usually employs two electronic switches (MOSFETs) connected in series. This ensures that if one switch fails "shorted," the second switch can still break the circuit to stop the machinery. * **Reverse Polarity Protection:** Integrated diodes protect the internal circuitry against incorrect wiring. #### C. Diagnostic Circuitry The module performs continuous electronic self-tests, including: * **Stuck-at tests:** Checking if a transistor is permanently ON or OFF. * **External Voltage Detection:** Sensing if 24V is being back-fed into the output from an external fault. * **Current Monitoring:** Measuring the load to detect overcurrent or wire breaks. --- ### 3. Connection & Wiring Logic The module interfaces with the TM5 bus base. The wiring involves the following terminals: 1. **24V DC / 0V DC:** Power for the internal electronics and output signals. 2. **Output Channels (DO0, DO1):** Connects to the safety actuators (e.g., contactors, STO inputs on drives). 3. **Common (COM):** The return path for the connected loads. --- ### 4. Status LEDs The front panel contains diagnostic LEDs used for troubleshooting the electronic state: | LED Label | Color | Meaning | | :--- | :--- | :--- | | **S (Status)** | Red/Green | Indicates the safety communication state. | | **0, 1** | Yellow | Indicates the logical state of the specific output channel. | | **Power** | Green | Indicates internal 24V power is present. | ---
    ✨ Follow-up Questions
    • ⤷What is the maximum response time for the TM5SDO2TAFS during a safety fault?
    • ⤷ Can this module be used with standard non-safety TM5 bus bases?
    • ⤷ How do you configure the 'Test Pulse' width for this module in EcoStruxure?