Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • TMA-R-G

  • AI
    The **TMA-R-G** refers to a high-performance **Tantalum Polymer Capacitor** series, typically manufactured by companies like Vishay or KEMET. These components are specifically designed for applications requiring high reliability, low equivalent series resistance (ESR), and stable capacitance under varying temperatures. --- ### 1. Key Electronic Specifications The "TMA" series generally denotes specific performance characteristics within the polymer tantalum category. | Parameter | Typical Value / Description | | :--- | :--- | | **Dielectric Material** | Tantalum Pentoxide ($Ta_2O_5$) | | **Cathode Material** | Conductive Polymer (High conductivity) | | **ESR (Equivalent Series Resistance)** | Ultra-Low (often < 50 mΩ) | | **Operating Temperature** | -55°C to +105°C (or +125°C with derating) | | **Failure Mode** | Non-burning (Safe failure mode) | | **Termination Finish** | Gold (G) or Tin (Standard) | ### 2. Breakdown of the Part Suffixes In the context of the **TMA-R-G** nomenclature: * **TMA**: The product series code representing the Tantalum Polymer technology. * **-R**: Usually indicates the **Case Size** (EIA 7343-43) or a specific **Reel/Packaging** requirement. * **-G**: This suffix typically signifies the **Terminal Finish**. In many high-reliability sectors, "G" stands for **Gold Plated** terminals, which prevents "tin whiskers" and ensures excellent solderability in mission-critical environments. ### 3. Internal Construction The electronic functionality is achieved through a multi-layered structure: 1. **Anode:** Sintered tantalum powder pellet. 2. **Dielectric:** An oxide layer grown on the tantalum surface. 3. **Cathode:** A conductive polymer layer that replaces the traditional $MnO_2$. This reduces ESR and prevents the "ignition" failure common in standard tantalum capacitors. ### 4. Common Applications Due to the low ESR and high volumetric efficiency, these parts are found in: * **DC/DC Converters:** Providing smooth power filtering. * **Telecommunications:** Base station power management. * **Aerospace & Defense:** Where the "G" (Gold) finish is required to meet strict safety standards. * **High-End Computing:** Decoupling high-speed microprocessors. --- ### Comparison: Standard vs. Polymer Tantalum | Feature | Standard ($MnO_2$) | Polymer (TMA-R-G) | | :--- | :--- | :--- | | **ESR** | High | Ultra-Low | | **Failure Mode** | Potential Ignition | Benign (Smoking/Opening) | | **Voltage Derating** | 50% | 10% - 20% | | **Frequency Response** | Moderate | Excellent |
    ✨ Follow-up Questions
    • ⤷What is the significance of the Gold (G) finish in high-reliability electronics?
    • ⤷ How does the ESR of a polymer capacitor affect circuit efficiency?
    • ⤷ What are the specific dimensions of the 'R' case size in EIA standards?