Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • TMA-R-S

  • AI
    Based on the part number **TMA-R-S**, this typically refers to a specific series of **Miniature Power Relays** or high-capacity electromechanical switches often used in industrial control systems, automotive applications, or HVAC units. Below is a breakdown of the electronic specifications and components typically associated with this part. ### 1. Component Overview The TMA-R-S is an electromechanical relay designed to control a high-power circuit using a low-power signal. It consists of an internal electromagnetic coil, an armature, and sets of contacts. ### 2. Technical Specifications | Feature | Specification (Typical) | | :--- | :--- | | **Contact Form** | SPST (Single Pole Single Throw) or SPDT (Single Pole Double Throw) | | **Contact Material** | Silver Alloy (AgSnO2 or AgNi) for arc resistance | | **Max Switching Voltage** | 250VAC / 30VDC | | **Max Switching Current** | 10A to 30A (Depending on specific sub-model) | | **Coil Voltage** | Usually 5V, 12V, or 24V DC | | **Mounting Type** | PCB (Through-hole) or Socket Mount | --- ### 3. Key Electronic Characteristics #### A. Internal Coil Structure The "Coil" is the input side. When current flows through it, it creates a magnetic field. * **Sensitivity:** These relays are often "High Sensitivity," meaning they require minimal milliamps (mA) to actuate. * **Protection:** It is standard practice to place a **Flyback Diode** in parallel with the coil to protect the driving circuit from voltage spikes when the relay turns off. #### B. Contact Rating (The "S" Designation) In many manufacturer naming conventions (like Song Chuan or similar clones): * **TMA:** Series designation (Power Relay). * **R:** Often indicates a **Sealed** or **Flux-tight** construction, allowing the part to be wave-soldered or used in dusty environments. * **S:** Frequently denotes **Sensitive** coil type or a specific contact material optimized for high inrush currents. #### C. Typical Application Circuit ```cpp // Schematic representation of driving a TMA-R-S with a Microcontroller [MCU Pin] ---> [Resistor] ---> [Base of NPN Transistor] | [Relay Coil (TMA-R-S)] --- [+VCC] | [Flyback Diode (1N4007)] (Parallel to Coil) ``` --- ### 4. Common Use Cases 1. **Home Appliances:** Controlling heating elements in coffee makers or toasters. 2. **HVAC:** Switching fans or compressors. 3. **Industrial Automation:** Interfacing between a PLC (Programmable Logic Controller) and a motor. 4. **Automotive:** Managing auxiliary lights or power windows.
    ✨ Follow-up Questions
    • ⤷ What is the specific coil voltage for your TMA-R-S unit (5V
    • ⤷ 12V
    • ⤷ or 24V)?
    • ⤷ Are you looking for a pinout diagram for PCB layout?
    • ⤷ Do you need a list of equivalent replacement parts from other manufacturers?