Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • TNETE2004

  • AI
    The **TNETE2004** is an integrated circuit (IC) primarily designed by Texas Instruments. It belongs to the family of **ThunderLAN** components, which were widely used in the late 1990s and early 2000s for networking solutions. Specifically, the TNETE2004 is a **Single-Chip 10/100 Ethernet Controller**. It was engineered to provide a bridge between the PCI bus and Ethernet networks. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Interface** | PCI Local Bus Specification v2.1 compatible | | **Data Rate** | 10 Mbps (Ethernet) and 100 Mbps (Fast Ethernet) | | **Duplex Support** | Full-duplex and Half-duplex modes | | **Architecture** | 32-bit DMA (Direct Memory Access) | | **Package Type** | Typically 144-pin or 160-pin PQFP | | **Technology** | CMOS Process | --- ### 2. Core Functional Blocks The TNETE2004 integrates several complex electronic sub-systems into a single piece of silicon: * **Media Access Controller (MAC):** Handles the IEEE 802.3 framing, error detection (CRC), and CSMA/CD protocols. * **Physical Layer Interface (PHY):** While some versions require an external transceiver, the TNETE2004 series often includes or interfaces directly with an MII (Media Independent Interface) to connect to the physical wire logic. * **PCI Bus Interface Unit:** Manages the communication with the host CPU and memory via the PCI slots. It supports "Bus Mastering," allowing the chip to move data to system RAM without taxing the CPU. * **FIFOs (First-In-First-Out):** Internal buffers for transmit (TX) and receive (RX) data to prevent data loss during high-traffic bursts. --- ### 3. Electronic Application Example In a typical motherboard or Network Interface Card (NIC) design, the TNETE2004 acts as the "brain" of the network port. Below is a simplified representation of how it fits into a circuit: ```mermaid graph LR A[PCI Bus] <--> B[TNETE2004 Controller] B <--> C[EEPROM / Configuration] B <--> D[Isolation Transformer/Magnetics] D <--> E[RJ-45 Ethernet Port] ``` --- ### 4. Legacy Context Today, the TNETE2004 is considered a **legacy component**. It is rarely found in modern hardware because: 1. **PCI is obsolete:** Modern systems use PCIe (PCI Express). 2. **Speed:** 10/100 Mbps has been replaced by Gigabit (1000 Mbps) and 2.5G/10G standards. 3. **Integration:** Most modern Ethernet controllers are now integrated directly into the Southbridge/Chipset of the motherboard or the CPU itself.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the TNETE2004 and the TNETE100 series?
    • ⤷ Can this chip be used with modern 64-bit operating systems?
    • ⤷ What are the power consumption characteristics of this IC?