Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • TNETE2004PAC

  • AI
    The **TNETE2004PAC** is a highly integrated Ethernet Controller/Switch chip primarily developed by Texas Instruments (TI). It is part of the ThunderSWITCH™ family, designed to provide high-performance switching for small to medium network environments. --- ### 1. Key Technical Specifications The TNETE2004PAC is designed to handle Ethernet traffic at the MAC (Media Access Control) layer. Below are the primary specifications: | Feature | Specification | | :--- | :--- | | **Ports** | 4-Port Fast Ethernet | | **Speeds Supported** | 10/100 Mbps (Auto-negotiation) | | **Interface** | MII (Media Independent Interface) | | **Package** | 100-pin PQFP (Plastic Quad Flat Pack) | | **Logic Voltage** | 3.3V / 5V Tolerant | | **Switching Architecture** | Store-and-Forward | --- ### 2. Core Functional Blocks To understand the "electronic parts" within the chip, we can break it down into its internal functional units: #### A. MAC (Media Access Control) Units Each of the 4 ports has its own MAC controller. These units are responsible for: * Formatting data frames. * Handling CSMA/CD (Carrier Sense Multiple Access with Collision Detection). * Managing CRC (Cyclic Redundancy Check) to ensure data integrity. #### B. Switching Engine This is the "brain" of the chip. It manages the **Address Lookup Engine (ALE)**. * It maintains a table of MAC addresses to determine which port a specific packet should be sent to. * It handles the transition between 10Mbps and 100Mbps speeds. #### C. Buffer Management The TNETE2004PAC utilizes internal memory (SRAM) management to store packets temporarily during heavy traffic periods. This prevents data loss when a destination port is busy. #### D. Host Interface The chip often communicates with a host CPU via a management interface. This allows for: * Configuring VLANs. * Monitoring port statistics (errors, packet counts). * Setting priority queues for Quality of Service (QoS). --- ### 3. Hardware Implementation Requirements If you are integrating this chip into a PCB design, you must include the following external electronic components: 1. **Oscillator/Crystal:** Usually requires a 25 MHz crystal to provide the base clock for Ethernet timing. 2. **Magnetics (Transformers):** Required between the chip (or the PHY) and the RJ45 jack to provide galvanic isolation and noise suppression. 3. **PHY (Physical Layer) Transceivers:** While the TNETE2004PAC handles the MAC layer, it requires external PHY chips to convert digital signals into analog electrical signals for the copper wire. 4. **Decoupling Capacitors:** Standard 0.1µF and 10µF capacitors placed near power pins to filter electrical noise. --- ### 4. Common Applications * **Small Office/Home Office (SOHO) Switches:** Used as the core processor for unmanaged or lightly managed 4-port switches. * **Industrial Ethernet Gateways:** Connecting factory equipment to a local network. * **Broadband Routers:** Serving as the integrated switch for the LAN ports of a router.
    ✨ Follow-up Questions
    • ⤷What is the difference between a MAC and a PHY in an Ethernet system?
    • ⤷ What are the power consumption characteristics of the TNETE2004PAC?
    • ⤷ Is the TNETE2004PAC still in active production by Texas Instruments?