Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • TNETE2201PJD

  • AI
    The **TNETE2201PJD** is a specialized integrated circuit (IC) manufactured by Texas Instruments. It belongs to the **ThunderLAN™** family of PCI Ethernet controllers, designed primarily for networking equipment such as network interface cards (NICs), hubs, and switches during the late 1990s and early 2000s. --- ### 1. Key Technical Specifications Below is a summary of the core hardware characteristics for the TNETE2201PJD: | Feature | Specification | | :--- | :--- | | **Function** | PCI Ethernet Controller (10/100 Mbps) | | **Interface** | PCI Local Bus Specification Revision 2.1 | | **Package Type** | PJD (100-pin Low-profile Quad Flat Pack / LQFP) | | **Technology** | CMOS | | **Power Supply** | 3.3V (with 5V tolerant I/O) | | **Duplex Support** | Full-duplex and Half-duplex modes | --- ### 2. Functional Architecture The device integrates several critical electronic subsystems into a single silicon die: #### A. PCI Bus Interface The TNETE2201 acts as a **PCI Bus Master**. It handles data transfers directly between the system memory and the network controller without requiring constant CPU intervention, which significantly reduces system overhead. #### B. Media Access Controller (MAC) The MAC layer is responsible for the "rules" of the network. It handles: * **CSMA/CD** (Carrier Sense Multiple Access with Collision Detection) protocols. * Frame formatting and CRC (Cyclic Redundancy Check) generation/validation. * Address filtering for incoming data packets. #### C. Physical Layer Interface (PHY / MII) The chip typically features a **Media Independent Interface (MII)**. This allows it to connect to various physical layer transceivers (PHYs) to support different media types, such as: * 10Base-T (Copper) * 100Base-TX (Fast Ethernet) * 100Base-FX (Fiber Optic) --- ### 3. Electronic Design Considerations If you are integrating or repairing a board with this component, consider the following: * **Clocking:** It usually requires a 25 MHz crystal or oscillator to provide the base frequency for Ethernet operations. * **EEPROM Interface:** It features a serial interface (typically I2C or Microwire) to connect to an external EEPROM. This EEPROM stores the unique **MAC Address** and configuration parameters. * **FIFO Buffers:** Internal memory buffers are used to manage the flow of data between the high-speed PCI bus and the relatively slower Ethernet line, preventing data loss during congestion. --- ### 4. Status and Use Cases * **Status:** This part is considered **Obsolete/End of Life (EOL)**. It is no longer recommended for new designs as modern Ethernet controllers support Gigabit (1000 Mbps) speeds and use PCIe (PCI Express) rather than the legacy PCI bus. * **Applications:** Legacy industrial PCs, vintage networking hardware, and older embedded systems.
    ✨ Follow-up Questions
    • ⤷ What are the modern replacements for the TNETE series in PCI Express designs?
    • ⤷ How is the MAC address programmed into the TNETE2201PJD?
    • ⤷ Does this chip support Power over Ethernet (PoE) functionality?