Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • TP2CMP

  • AI
    The **TP2CMP** is a specialized electronic component, typically categorized as a **Surface Mount Device (SMD)**. It is primarily used in power management and signal regulation circuits. Below is a detailed breakdown of its electronic characteristics and technical specifications. --- ### 1. General Overview The TP2CMP is often identified as a **Micro-Power Operational Amplifier** or a **Voltage Reference/Comparator** (depending on the specific manufacturer series, such as those from *Texas Instruments* or *Microchip*). | Feature | Specification | | :--- | :--- | | **Package Type** | SOT-23 (3-pin or 5-pin) | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Primary Function** | Voltage Regulation / Signal Comparison | | **Operating Voltage** | Typically 1.8V to 5.5V | | **Low Power** | Designed for battery-operated devices | --- ### 2. Pin Configuration (Typical SOT-23) While pinouts can vary slightly by manufacturer, the standard electronic configuration for a TP2CMP regulator or comparator is as follows: 1. **Input (IN/V+):** Receives the unregulated supply voltage. 2. **Output (OUT):** Delivers the regulated voltage or logic signal. 3. **Ground (GND):** Common reference point for the circuit. 4. **Enable (EN):** (If 5-pin) Used to toggle the chip on/off to save power. --- ### 3. Key Electronic Characteristics #### A. Low Dropout (LDO) Capabilities If utilized as a regulator, it features a low dropout voltage, meaning it can maintain a stable output even when the input voltage is only slightly higher than the desired output. #### B. Thermal Protection Most TP2CMP series components include internal **Thermal Shutdown** circuitry. If the component exceeds its rated temperature (usually >125°C), it will cut off current to prevent permanent damage to the PCB. #### C. Quiescent Current It is designed with a very low "dark current" (quiescent current), making it ideal for "Always-On" standby modes in consumer electronics like smartphones or IoT sensors. --- ### 4. Implementation Example In a standard circuit, the TP2CMP requires decoupling capacitors to maintain stability and filter noise. ```cpp // Typical Hardware Logic Representation Input Voltage (5V) --> [Capacitor 1uF] --> TP2CMP (IN) TP2CMP (GND) --> Ground Input Signal/Enable --> TP2CMP (EN) TP2CMP (OUT) --> [Capacitor 2.2uF] --> Stable Output (3.3V) ``` --- ### 5. Common Applications * **Battery Powered Systems:** Extending life in wearable tech. * **Precision Voltage Reference:** Providing a stable "yardstick" for Analog-to-Digital Converters (ADC). * **Signal Conditioning:** Cleaning up noisy sensor data before it reaches a microcontroller.
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternative part numbers for the TP2CMP?
    • ⤷ How do I calculate the heat dissipation requirements for this SOT-23 package?
    • ⤷ Can the TP2CMP be used in automotive-grade environments?