Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • TP4210-R

  • AI
    The **TP4210-R** is an integrated power management IC (PMIC) specifically designed for single-cell lithium-ion battery applications, most commonly found in **Power Banks**. It is an "all-in-one" solution that combines charging, discharging, and protection circuitry. --- ## 1. Core Functional Blocks The TP4210-R integrates several discrete electronic components into a single SOP-8 package: | Component | Function | | :--- | :--- | | **Linear Charger** | Manages the Constant Current/Constant Voltage (CC/CV) charging cycle from a 5V input. | | **Synchronous Boost Converter** | Steps up the battery voltage (3.0V - 4.2V) to a stable 5V output for USB devices. | | **LED Driver** | Controls status indicators (usually 4 LEDs) to show battery level and charging status. | | **Protection Circuitry** | Prevents overcharge, over-discharge, short circuits, and thermal runaway. | --- ## 2. Key Technical Specifications Below are the typical operating parameters for the TP4210-R: | Parameter | Value | | :--- | :--- | | **Input Voltage (VCC)** | 4.5V to 5.5V | | **Charging Current** | Up to 1.0A (adjustable via external resistor) | | **Output Voltage (VOUT)** | 5.0V - 5.1V | | **Discharge Efficiency** | Up to 90% | | **Standby Current** | < 50µA | | **Switching Frequency** | ~500kHz | --- ## 3. Pinout Configuration The chip typically uses an **SOP-8** package with the following pin assignments: 1. **SYS**: System output pin (5V Boost Output). 2. **VIN**: 5V Input for charging. 3. **BAT**: Connection to the Lithium Battery positive terminal. 4. **GND**: Common Ground. 5. **LED1-4**: Pins for battery level indicator LEDs. 6. **KEY**: Button input for checking battery level or turning the output ON/OFF. --- ## 4. Design Features * **Synchronous Rectification**: Unlike older boost converters that use a diode, the TP4210-R uses an internal MOSFET for rectification, significantly reducing heat and increasing efficiency. * **Automatic Load Detection**: The chip can detect when a USB device is plugged in and automatically start the boost converter. * **Low External Component Count**: It requires very few external parts—typically just an inductor (usually 2.2µH or 4.7µH), a few capacitors, and the LEDs. --- ## 5. Typical Application Circuit ```mermaid graph LR USBIN[USB 5V In] --> VIN[TP4210-R] TP4210-R --> L1[Inductor] L1 --> USBOUT[USB 5V Out] TP4210-R --> BAT[Li-Ion Battery] TP4210-R --> LED[Status LEDs] ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the recommended inductor value for the TP4210-R circuit?
    • ⤷ How do you adjust the charging current on this IC?
    • ⤷ Does the TP4210-R support fast charging protocols like QC 3.0?