Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • TPC1502TR-SBACR-R11

  • AI
    The **TPC1502TR-SBACR-R11** is a specific model within a series of Industrial Touch Panel PCs, typically manufactured by companies like Advantech or similar industrial hardware providers. These devices are designed for Human-Machine Interface (HMI) applications in harsh environments. --- ### 1. Key Technical Specifications Below is a breakdown of the primary electronic components and technical features common to this specific SKU: | Feature | Specification | | :--- | :--- | | **Display Type** | 15" XGA TFT LED LCD | | **Resolution** | 1024 x 768 | | **Touch Screen** | 5-wire Resistive Touch (High Durability) | | **Processor (CPU)** | Intel® Atom™ or Celeron® (Low Power/Fanless) | | **Input Voltage** | 24V DC (Standard Industrial Input) | | **Enclosure** | IP66-rated front bezel (Dust/Waterproof) | | **Communication** | RS-232/422/485, Dual GbE LAN, USB 2.0/3.0 | --- ### 2. Detailed Electronic Sub-Systems #### A. Power Supply Unit (PSU) The "SBACR" designation often refers to the power configuration. * **DC-to-DC Conversion:** It typically utilizes an internal industrial-grade power module that converts 24V DC input into the specific voltages required by the motherboard (12V, 5V, 3.3V). * **Protection:** Includes over-voltage, over-current, and reverse-polarity protection to prevent damage during field installation. #### B. The Display & Backlight Controller * **LED Driver:** The "TR" in the model often signifies a high-transmittance resistive touch screen. The electronic driver manages the LED backlight intensity, often supporting dimming functions via software. * **LVDS Interface:** The internal connection between the motherboard and the 15" panel is usually via Low-Voltage Differential Signaling (LVDS) to minimize EMI (Electromagnetic Interference). #### C. Control Board (Motherboard) * **Fanless Design:** The electronics are designed for passive cooling. The CPU is thermally coupled to the aluminum chassis, which acts as a giant heat sink. * **Watchdog Timer:** A dedicated chip on the board that automatically resets the system if the software hangs, ensuring 24/7 operational reliability. --- ### 3. Connection Interface Layout The physical electronic ports are usually located on the bottom or rear of the unit: 1. **Serial Ports:** Integrated UARTs for Modbus or PLC communication. 2. **Ethernet:** Dual RJ45 ports for network redundancy or separating Machine-level and Office-level networks. 3. **Expansion:** Often includes a Mini-PCIe slot for adding Wi-Fi, Bluetooth, or cellular modules. --- ### 4. Environmental & Electronic Compliance * **EMI/EMC:** Built to withstand industrial electrical noise (Class A). * **Vibration/Shock:** Electronic components are soldered (non-socketed RAM/CPU in many cases) to prevent loosening due to machine vibration.
    ✨ Follow-up Questions
    • ⤷ Does this model support Windows 10 IoT or Linux by default?
    • ⤷ What is the specific CPU generation used in the R11 revision?
    • ⤷ Are there expansion options for additional I/O like CANbus?