Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • TPS16632RGET.A

  • AI
    ## Overview of TPS16632RGET The **TPS16632RGET** is a high-voltage integrated **eFuse** (electronic fuse) manufactured by Texas Instruments. It is designed to provide robust protection for circuits operating in the 4V to 60V range, making it ideal for industrial, telecommunication, and 24V/48V power systems. --- ### Core Specifications The following table summarizes the primary electrical characteristics of the device: | Parameter | Specification | | :--- | :--- | | **Operating Voltage (VIN)** | 4V to 60V | | **Maximum Output Current** | 6A | | **On-Resistance (RDS(on))** | 31 mΩ (typical) | | **Current Limit Accuracy** | ±7% (at 6A) | | **Package Type** | VQFN (24-pin, 4mm x 4mm) | | **Temperature Range** | -40°C to 125°C | --- ### Key Electronic Protections The TPS16632 provides several layers of integrated protection to replace traditional fuses or discrete MOSFET solutions: 1. **Overcurrent Protection (OCP):** * The device limits the output current to a level set by an external resistor ($R_{ILIM}$). * If the load exceeds this limit, the device throttles the current or shuts down after a programmable delay. 2. **Overvoltage Protection (OVP):** * It features an adjustable overvoltage lockout (OVLO) to protect downstream components from voltage spikes. 3. **Short-Circuit Protection:** * Ultra-fast response to heavy loads or direct shorts to prevent PCB damage. 4. **Reverse Current Blocking:** * The TPS1663 series can support external MOSFET control to prevent current from flowing back from the output to the input. 5. **Thermal Shutdown:** * The chip automatically turns off if the internal junction temperature exceeds safety limits (typically 150°C). --- ### Pin Configuration and Application The device is housed in a compact **RGE** (VQFN) package. Significant pins include: * **UVLO/EN:** Programmable Under-Voltage Lockout or Enable pin. * **ILIM:** Connects a resistor to ground to set the current limit. * **dVs/dt:** Controls the output voltage ramp rate (Soft-start) to reduce inrush current. * **FLT:** An open-drain output that pulls low during a fault condition (Overcurrent, Overvoltage, or Thermal). #### Typical Application Circuit Concept ```python # Simplified Logic Flow Input_Voltage (4-60V) -> [TPS16632] -> Controlled_Output | [Current Limit Resistor] | [Soft-Start Cap] ``` --- ### Comparison with Traditional Fuses Unlike physical fuses, the TPS16632 is **resettable** and provides much higher precision. It allows engineers to "soft-start" large capacitive loads, which would normally blow a standard fuse due to high inrush currents.
    ✨ Follow-up Questions
    • ⤷ How do I calculate the resistor value for the current limit on the TPS16632?
    • ⤷ What is the difference between the TPS16630
    • ⤷ TPS16631
    • ⤷ and TPS16632 variants?
    • ⤷ Can this device be used in redundant power supply configurations?