Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • TPV4809DA

  • AI
    The **TPV4809DA** is a high-efficiency, isolated DC-DC converter module, typically utilized in industrial and telecommunications applications where space-saving and stable power conversion are required. --- ### 1. Key Technical Specifications The "TPV" series usually denotes a SIP (Single In-line Package) or DIP (Dual In-line Package) format. The nomenclature "4809" typically implies a 48V input and a 9V output. | Feature | Specification (Typical) | | :--- | :--- | | **Input Voltage Range** | 36V - 72V DC (48V Nominal) | | **Output Voltage** | 9V DC | | **Isolation Voltage** | 1000V DC to 3000V DC | | **Power Rating** | 1W to 2W (Series dependent) | | **Package Style** | SIP-7 / DIP-8 / SMD | | **Efficiency** | 75% - 85% | --- ### 2. Internal Electronic Components The device is a self-contained system consisting of several critical sub-components: #### A. Power Controller (PWM IC) The brain of the module. It regulates the switching frequency to ensure the output remains at a steady 9V regardless of fluctuations in the 48V input. #### B. Isolation Transformer Because this is an isolated converter, it uses a high-frequency miniature transformer. This provides a physical barrier between the input and output circuits, protecting sensitive downstream components from high-voltage spikes on the 48V rail. #### C. Rectification & Filtering * **Schottky Diodes:** Used for high-speed rectification of the AC signal coming off the transformer. * **Capacitors:** Low-ESR ceramic or tantalum capacitors are used to smooth the ripple voltage, ensuring a clean DC output. #### D. Protection Circuitry Most modules in this class include: * **Short Circuit Protection (SCP):** Prevents the device from burning out if the output leads are crossed. * **Over-Voltage Protection (OVP):** Clamps the output to prevent damage to the load. --- ### 3. Pin Configuration (Standard SIP-7) While you should always consult the specific datasheet for your manufacturer (e.g., Mornsun, RECOM, or CUI), the pinout generally follows this logic: | Pin Number | Function | Description | | :--- | :--- | :--- | | 1 | +Vin | Positive Input (48V) | | 2 | -Vin | Ground Input | | 4 | -Vout | Ground Output (Isolated) | | 6 | +Vout | Positive Output (9V) | --- ### 4. Typical Applications * **Telecommunications:** Converting standard 48V rack power to 9V for logic boards. * **Industrial Automation:** Providing isolated power to sensors to prevent ground loops. * **Data Communication:** Powering RS-485 or CAN bus interfaces where isolation is mandatory for noise immunity.
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the TPV4809DA?
    • ⤷ Does the TPV4809DA require external filtering capacitors for low noise?
    • ⤷ What are the alternatives to the TPV4809DA with higher isolation voltage?