Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • TRF-RJ14

  • AI
    The **TRF-RJ14** refers to a specific type of registered jack (RJ) connector assembly, commonly used in telecommunications and data networking. Specifically, the "RJ14" configuration is a standard physical interface used for connecting two-line telephone equipment. Below is a detailed breakdown of its electronic components and specifications. --- ## 1. Physical and Electrical Configuration The RJ14 uses a **6P4C** configuration, which stands for **6 Positions, 4 Contacts**. While the plastic housing can hold 6 wires, only the middle 4 are populated with metal contacts to support two separate phone lines. ### Pinout Table | Pin Number | Wire Color (Old) | Wire Color (New) | Function | | :--- | :--- | :--- | :--- | | **Pin 2** | Black | White/Orange | Line 2: Tip (+) | | **Pin 3** | Red | Blue/White | Line 1: Ring (-) | | **Pin 4** | Green | White/Blue | Line 1: Tip (+) | | **Pin 5** | Yellow | Orange/White | Line 2: Ring (-) | --- ## 2. Key Electronic Components The "TRF" in the prefix often denotes a **Transformer-based** or **Filtered** connector, implying integrated magnetics or protection circuitry within the jack housing. ### A. Integrated Magnetics (Common in TRF series) * **Isolation Transformers:** Protects the equipment from DC offsets and voltage spikes on the line. * **Common Mode Chokes:** Used to suppress Electromagnetic Interference (EMI) and Radio Frequency Interference (RFI). ### B. Contact Materials * **Base Material:** Phosphor Bronze (provides elasticity and strength). * **Plating:** Usually gold plating (ranging from 3µ" to 50µ") over nickel. Gold is used to prevent oxidation and ensure a low-resistance connection over thousands of mating cycles. ### C. Housing (Dielectric) * **Material:** High-temperature thermoplastic (usually UL94V-0 rated). * **Insulation Resistance:** Typically rated at a minimum of 500 MΩ to prevent leakage between lines. --- ## 3. Technical Specifications | Parameter | Typical Value | | :--- | :--- | | **Voltage Rating** | 125 V AC / 150 V DC | | **Current Rating** | 1.5 Amps | | **Contact Resistance** | < 20 mΩ | | **Dielectric Strength** | 1000 V RMS (60Hz/1min) | | **Durability** | 750+ Mating Cycles | --- ## 4. Common Applications * **Two-Line Telephony:** Used in office environments where a single wall jack provides two distinct phone numbers. * **DSL Filters:** The TRF-RJ14 is often found in DSL splitters to separate high-frequency data from low-frequency voice signals. * **Modem Interfaces:** Used in industrial modems that require reliable signal isolation.
    ✨ Follow-up Questions
    • ⤷ What is the difference between an RJ11 and an RJ14 connector?
    • ⤷How does the gold plating thickness affect the lifespan of a TRF-RJ14 connector?
    • ⤷Can an RJ14 connector be used for Ethernet applications?