Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • TSDP341_V02

  • AI
    The **TSDP341_V02** is a specialized electronic module commonly used in consumer electronics, particularly as an **Infrared (IR) Receiver Module**. These modules are designed to receive modulated infrared signals (usually from a remote control) and convert them into digital signals that a microcontroller or processor can understand. --- ### 1. Component Overview The TSDP341 belongs to a family of IR receivers that integrate a PIN diode and a preamplifier into a single package. The "V02" typically refers to a specific hardware revision or internal versioning by the manufacturer (often Vishay or similar generic equivalents). ### 2. Key Specifications | Parameter | Typical Value | | :--- | :--- | | **Carrier Frequency** | 38 kHz (most common for TSDP series) | | **Supply Voltage (Vcc)** | 2.5V to 5.5V | | **Supply Current** | ~0.35 mA to 0.7 mA | | **Transmission Distance** | Up to 45 meters (line of sight) | | **Output Type** | Active Low (Logic 0 when signal detected) | --- ### 3. Pinout Configuration The module typically features three pins. While you should always check the datasheet for your specific PCB layout, the standard configuration for this form factor is: 1. **OUT (Output):** Connects to the GPIO of a microcontroller. 2. **GND (Ground):** Connects to the 0V/Ground. 3. **VCC (Power):** Connects to the positive supply (usually 3.3V or 5V). --- ### 4. Internal Functional Blocks To understand how it works, the internal circuitry is divided into several stages: * **Photo Detector:** A high-speed PIN photodiode that senses IR light. * **Preamplifier:** Boosts the weak electrical signal from the diode. * **Automatic Gain Control (AGC):** Adjusts sensitivity to prevent interference from ambient light (like sunlight or fluorescent bulbs). * **Band Pass Filter:** Specifically tuned to the carrier frequency (e.g., 38 kHz) to reject noise. * **Demodulator:** Removes the 38 kHz carrier wave, leaving only the digital data bits. --- ### 5. Common Applications * **Television Sets:** The primary receiver for remote controls. * **Air Conditioners:** Receiving temperature and mode commands. * **Arduino/DIY Projects:** Used for wireless control of robots or home automation. * **Optical Switches:** Detecting the break of an IR beam. ---
    ✨ Follow-up Questions
    • ⤷ How do I interface the TSDP341_V02 with an Arduino?
    • ⤷ What is the difference between a 38kHz and a 56kHz IR receiver?
    • ⤷ Can this module be used in direct sunlight?