Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • TSDP343..

  • AI
    ## Overview of TSDP343xx Series The **TSDP343xx** is a series of miniaturized infrared (IR) receiver modules designed for remote control systems and sensor applications. These modules integrate a photo detector and a preamplifier into a single lead frame, encapsulated in an epoxy package that acts as an IR filter. --- ### 1. Key Internal Components The TSDP343xx modules contain several internal electronic sub-systems to ensure reliable data transmission: | Component | Function | | :--- | :--- | | **Photo Diode** | Converts incoming Infrared light into a low-level electrical signal. | | **Preamplifier** | Amplifies the weak signal from the photo diode. | | **Automatic Gain Control (AGC)** | Adjusts sensitivity to suppress noise from ambient light (e.g., sunlight or fluorescent lamps). | | **Band Pass Filter** | Filters out signals that do not match the specific carrier frequency (e.g., 38kHz). | | **Demodulator** | Extracts the digital data by removing the carrier wave. | --- ### 2. Electrical Characteristics These parts are designed for low-power consumption and compatibility with microcontrollers like Arduino or ESP32. * **Operating Voltage:** Typically 2.5 V to 5.5 V. * **Supply Current:** Very low, usually around 0.35 mA to 0.45 mA. * **Transmission Distance:** Up to 45 meters (depending on the IR emitter and environmental conditions). * **Output:** Active Low (the output pin stays HIGH when idle and drops to LOW when an IR signal is detected). --- ### 3. Pin Configuration The TSDP343 series usually follows a standard 3-pin layout: 1. **OUT:** Data output (connects to a GPIO on a microcontroller). 2. **GND:** Ground. 3. **Vs:** Power Supply. --- ### 4. Application Logic The primary feature of the **TSDP343** (unlike the TSOP series) is its ability to handle **continuous data transmission**. * **TSOP Series:** Usually optimized for short bursts (remote control buttons). * **TSDP Series:** Optimized for data formats that send long sequences or continuous signals without the internal AGC shutting down the reception. ```python # Conceptual Microcontroller Logic (Pseudo-code) # Reading IR data from TSDP343 if sensor_pin == LOW: receive_data_bit() # Process the signal received from the module ``` --- ### 5. Circuit Design Considerations To ensure the best performance and noise immunity, the following external components are recommended: * **RC Filter:** Connect a 100 $\Omega$ resistor in series with $V_s$ and a 4.7 $\mu$F capacitor between $V_s$ and GND to suppress power supply ripples. * **Optical Shielding:** Ensure the device is shielded from direct high-intensity visible light.
    ✨ Follow-up Questions
    • ⤷ What is the difference between TSDP343 and TSOP343?
    • ⤷ How do I calculate the RC filter values for this IR receiver?
    • ⤷ Can TSDP343 be used for IR proximity sensing?