Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • TSIC206FST

  • AI
    ### TSIC 206FST Overview The **TSIC 206FST** is a high-precision temperature sensor IC developed by IST AG. It belongs to the TSIC series, known for being factory-calibrated and providing a digital output signal. This specific model is housed in a **SOP-8** package and is designed for low-power, high-accuracy applications. --- ### Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Accuracy** | ±0.3 K (within 10 °C to 60 °C range) | | **Measurement Range** | -50 °C to +150 °C | | **Operating Voltage** | 3.0 V to 5.5 V | | **Output Type** | ZACwire™ Digital Protocol (1-wire) | | **Resolution** | 0.1 K | | **Supply Current** | ~30 µA (at 3.3V, 25°C) | | **Package** | SOP-8 (Small Outline Package) | --- ### Electronic Characteristics #### 1. Digital Output Protocol (ZACwire™) Unlike standard analog sensors that output a voltage relative to temperature, the TSIC 206FST uses the **ZACwire™** protocol. * It is a single-wire interface that communicates using a pulse-width modulated signal. * **Advantage:** It reduces the number of MCU pins required and is highly resistant to electromagnetic interference (EMI). * **Data Format:** It transmits a 14-bit value, ensuring high resolution without the noise associated with analog-to-digital conversion in the MCU. #### 2. Calibration and Signal Processing The chip integrates a sensing element, a low-noise amplifier, and a high-resolution A/D converter. * **Factory Calibrated:** The sensor is calibrated during manufacturing. The calibration data is stored in an internal EEPROM. * **No External Components:** Because it is pre-calibrated, it does not require external resistors or capacitors for signal conditioning, simplifying the PCB layout. #### 3. Power Efficiency With an operating current of approximately **30 µA**, it is ideal for battery-operated devices and remote sensing applications where power consumption must be minimized. --- ### Pin Configuration (SOP-8) | Pin Number | Name | Description | | :--- | :--- | :--- | | 1 | **GND** | Ground connection | | 2 | **Signal** | ZACwire™ digital output | | 4 | **Vcc** | Supply voltage (3.0V - 5.5V) | | 3, 5-8 | **NC** | Not Connected | --- ### Application Circuitry Connecting the TSIC 206FST to a microcontroller (like an Arduino or STM32) is straightforward: ```c // Pseudo-connection Diagram [TSIC 206FST] [Microcontroller] Pin 4 (Vcc) <-----> 3.3V / 5V Pin 1 (GND) <-----> GND Pin 2 (Signal) <-----> Digital I/O (with internal/external pull-up) ```
    ✨ Follow-up Questions
    • ⤷ How does the ZACwire™ protocol differ from I2C or SPI?
    • ⤷ What are the specific timing requirements for reading the 14-bit data from the TSIC 206FST?
    • ⤷ Can this sensor be used in liquid immersion applications?