Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • TSIC506FST

  • AI
    ### TSIC 506F - Precision Temperature Sensor Overview The **TSIC 506F** is a high-precision, low-power temperature sensor IC designed by IST (Innovative Sensor Technology). It is known for its high accuracy and its unique **ZACwire™** digital output protocol. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Measurement Range** | -50 °C to +150 °C | | **Accuracy** | ±0.1 K (within 5 °C to 45 °C range) | | **Resolution** | 0.034 K | | **Operating Voltage** | 3.0 V to 5.5 V (optimal at 5.0 V) | | **Supply Current** | Typ. 30 µA (at 3.3 V, 25 °C) | | **Output Signal** | Digital ZACwire™ (11-bit) | | **Package Type** | SOP-8, TO-92, or E-Package | --- ### 2. Core Electronic Components & Architecture The internal structure of the TSIC 506F consists of several functional blocks that handle the conversion from physical temperature to a digital signal: 1. **PTAT Sensing Element:** A Proportional-to-Absolute-Temperature (PTAT) sensing cell that generates a voltage proportional to the thermal energy. 2. **Sigma-Delta A/D Converter:** A high-resolution analog-to-digital converter that digitizes the voltage from the sensing element. 3. **EEPROM Memory:** During production, the sensor is calibrated at multiple temperature points. The calibration coefficients are stored in the integrated EEPROM, ensuring the high accuracy of ±0.1 K without requiring the end-user to calibrate. 4. **ZACwire™ Digital Interface:** A single-wire communication protocol that reduces pin count and simplifies the connection to microcontrollers. --- ### 3. Pin Configuration (SOP-8 Package) The SOP-8 version is the most common format for surface-mount PCB designs. | Pin Number | Name | Function | | :--- | :--- | :--- | | 1 | **GND** | Ground connection | | 2 | **Signal** | ZACwire™ digital output | | 4 | **Vcc** | Supply voltage (3V - 5.5V) | | 3, 5-8 | **NC** | No connection (leave floating) | --- ### 4. Communication Protocol (ZACwire™) The TSIC 506F does not use I2C or SPI. Instead, it uses **ZACwire™**, a bit-stream protocol: * **Single Wire:** Only one data line is required. * **Asynchronous:** The sensor sends the data periodically (usually every 0.1s to 0.8s depending on the model). * **Data Frame:** Consists of a start bit, 8 bits of data, a parity bit, and a stop bit. A full reading consists of two packets (Total 11-bit resolution). --- ### 5. Application Circuit Example To integrate the TSIC 506F, a simple bypass capacitor is recommended to filter power supply noise. ```c // Typical Schematic Representation [Vcc 5V] ----+----------- (Pin 4: Vcc) | [100nF Cap] | [GND] -------+----------- (Pin 1: GND) [MCU GPIO] <------------- (Pin 2: Signal) ```
    ✨ Follow-up Questions
    • ⤷ How do I decode the ZACwire™ protocol using an Arduino or ESP32?
    • ⤷ What are the main differences between the TSIC 506F and the TSIC 306F?
    • ⤷ Is a pull-up resistor required on the Signal pin for long cable runs?