Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • TSOP121..

  • AI
    The **TSOP121** series belongs to a family of miniaturized receivers for infrared (IR) remote control systems. It integrates a PIN diode and a preamplifier on a single lead frame, encapsulated in an epoxy package that acts as an IR filter. --- ## 1. Key Technical Specifications The TSOP121 is designed to detect IR signals modulated at a specific carrier frequency. | Parameter | Typical Value | | :--- | :--- | | **Supply Voltage ($V_S$)** | 2.7V to 5.5V | | **Supply Current ($I_S$)** | 0.85 mA to 1.1 mA | | **Carrier Frequency ($f_o$)** | 30 kHz to 56 kHz (Variant dependent) | | **Transmission Distance** | Up to 45 meters | | **Directivity** | $\pm$ 45 degrees | | **Output Type** | Active Low (CMOS/TTL compatible) | --- ## 2. Internal Components & Block Diagram The device is more than just a sensor; it is an Integrated Circuit (IC). Internally, it consists of several functional blocks: 1. **PIN Diode:** Converts IR light into an electrical current. 2. **Preamplifier:** Amplifies the weak signal from the diode. 3. **Automatic Gain Control (AGC):** Adjusts sensitivity to suppress noise from ambient light (e.g., sunlight or fluorescent bulbs). 4. **Band Pass Filter:** Only allows signals of the specific carrier frequency (e.g., 38kHz) to pass through. 5. **Demodulator & Output Driver:** Removes the carrier wave and outputs the clean data pulses. --- ## 3. Pin Configuration The TSOP121 usually features a three-pin layout: | Pin Number | Name | Function | | :--- | :--- | :--- | | 1 | **OUT** | Data output; stays HIGH when idle, pulses LOW when IR signal is detected. | | 2 | **GND** | Ground connection. | | 3 | **$V_S$** | Positive supply voltage. | --- ## 4. Application Circuit To ensure stability and reduce noise, a basic RC filter is recommended for the power supply pin. ```c V_S (5V) | [ R1: 100Ω ] | +-------+------- (Pin 3: Vs) | | [ C1: [TSOP] 4.7uF] |------- (Pin 1: OUT) --> To Microcontroller | | GND GND (Pin 2) ``` ### Important Usage Notes: * **Carrier Frequency:** You must match the TSOP frequency (e.g., TSOP12138 for 38kHz) with the frequency of your IR transmitter. * **Data Format:** This sensor is designed for "burst" signals. Continuous IR signals will be suppressed by the internal AGC to prevent interference.
    ✨ Follow-up Questions
    • ⤷What is the difference between TSOP121 and TSOP1738?
    • ⤷ How do I interface the TSOP121 with an Arduino?
    • ⤷ What causes the TSOP121 to output noise in bright environments?