Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • TSOP334..

  • AI
    ## Overview of the TSOP334 Series The **TSOP334** series is a family of miniaturized receiver modules designed for infrared (IR) remote control systems. It integrates a PIN diode, a preamplifier, and an internal filter for PCM frequency into a single package. ### 1. Key Technical Specifications The following table summarizes the primary electrical and physical characteristics of the TSOP334 series: | Parameter | Specification | | :--- | :--- | | **Supply Voltage (Vs)** | 2.5 V to 5.5 V | | **Supply Current (Is)** | 0.35 mA (typical) | | **Transmission Distance** | Up to 45 meters | | **Carrier Frequency** | 30 kHz to 56 kHz (model dependent) | | **Output Type** | Active Low (Digital) | | **Operating Temperature** | -25 °C to +85 °C | --- ### 2. Internal Block Diagram Functions The device is more than just a light sensor; it is a complete signal-processing unit. The internal components include: 1. **PIN Photodiode:** Converts the incoming IR light into an electrical signal. 2. **Band Pass Filter:** Blocks unwanted noise and frequencies, allowing only the specific carrier frequency (e.g., 38 kHz) to pass. 3. **Automatic Gain Control (AGC):** Adjusts sensitivity to suppress ambient light noise (like sunlight or fluorescent lamps). 4. **Demodulator:** Removes the carrier frequency and outputs the raw data pulses. --- ### 3. Pin Configuration The TSOP334 usually comes in a 3-pin lead frame package. While you should always check the specific datasheet for your variant, the standard layout is: * **Pin 1 (OUT):** The data output. It is held high (logic 1) when no IR signal is detected and pulls low (logic 0) when a signal is present. * **Pin 2 (GND):** Ground connection. * **Pin 3 (Vs):** Positive supply voltage. --- ### 4. Application Circuit Example To use the TSOP334 in a circuit, a basic RC filter is recommended to stabilize the supply voltage and prevent noise from affecting the sensitive internal amplifier. ```cpp // Typical Hardware Connection Logic: // [Vs] ----[ 100 Ohm Resistor ]----+--- [ TSOP Pin 3 ] // | // [ 4.7uF Capacitor ] // | // [GND] ---------------------------+--- [ TSOP Pin 2 ] // // [MCU Input] <------------------------ [ TSOP Pin 1 ] ``` --- ### 5. Part Numbering Logic The last two digits of the TSOP334**XX** series indicate the carrier frequency: * **TSOP33436:** 36 kHz * **TSOP33438:** 38 kHz (Most common for TV remotes) * **TSOP33440:** 40 kHz * **TSOP33456:** 56 kHz
    ✨ Follow-up Questions
    • ⤷ What is the difference between the TSOP334 and the TSOP4838?
    • ⤷ How do I filter out noise from fluorescent lights when using this sensor?
    • ⤷ Can the TSOP334 be used for continuous data transmission or only burst data?