Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • TSOP361..

  • AI
    ### Overview of TSOP361 Series The **TSOP361** is a miniaturized receiver module designed for infrared (IR) remote control systems. It integrates a PIN diode and a preamplifier into a single package, acting as a complete IR sensor solution. --- ### 1. Key Internal Components The TSOP361 is not just a sensor; it is an integrated circuit (IC) that processes signals. Its internal architecture includes: | Component | Function | | :--- | :--- | | **Photo Detector** | A high-speed PIN diode that converts IR light into electrical current. | | **Preamplifier** | Amplifies the weak current from the photo detector. | | **Automatic Gain Control (AGC)** | Adjusts sensitivity to filter out ambient light noise. | | **Band Pass Filter** | Ensures only signals at a specific carrier frequency are processed. | | **Demodulator** | Strips away the carrier frequency to output the original data signal. | --- ### 2. Technical Specifications The TSOP361 series operates under specific electrical parameters to ensure reliability. * **Supply Voltage ($V_S$):** 2.5 V to 5.5 V (Commonly used at 3.3V or 5V). * **Supply Current ($I_S$):** ~0.35 mA (Very low power consumption). * **Carrier Frequency:** Standard versions include 30 kHz, 33 kHz, 36 kHz, 38 kHz, 40 kHz, and 56 kHz. * **Transmission Distance:** Up to 45 meters (depending on the emitter). * **Output:** Active Low (Idle state is High). --- ### 3. Pin Configuration The device typically features three pins. Viewed from the front (the side with the sensor "bubble"): | Pin Number | Name | Description | | :--- | :--- | :--- | | **1** | **OUT** | Data Output (Connects to Microcontroller). | | **2** | **GND** | Ground Connection. | | **3** | **$V_S$** | Supply Voltage (Positive). | --- ### 4. Application Circuit To ensure the TSOP361 operates correctly without interference from power supply noise, a simple RC filter is recommended. ```c // Typical Connection Schematic // [V_S] ---- [100 Ohm Resistor] ----+---- [Pin 3: V_S] // | // [4.7uF Capacitor] // | // [GND] ----------------------------+---- [Pin 2: GND] // // [Pin 1: OUT] -------------------------- [MCU Input Pin] ``` --- ### 5. Key Features & Advantages 1. **Noise Immunity:** It is designed to be highly resistant to ambient light (sunlight) and electromagnetic interference (EMI). 2. **Logic Compatibility:** The output signal can be directly decoded by a microprocessor without additional circuitry. 3. **Low Profile:** The SMD-like design allows for integration into slim consumer electronics like TVs and Air Conditioners.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the TSOP361 and TSOP382 models?
    • ⤷ How does the Band Pass Filter help in signal processing?
    • ⤷ Can the TSOP361 be used for continuous data transmission?