Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • TSOP752..

  • AI
    ### Overview of the TSOP752 Series The **TSOP752** is a miniaturized receiver module for infrared (IR) remote control systems. It belongs to a family of devices that integrate a photo detector and a preamplifier into a single package. --- ### 1. Key Internal Components The internal circuitry of a TSOP752 is designed to filter out noise and provide a clean digital signal. | Component | Function | | :--- | :--- | | **Photodiode** | Converts IR light pulses into electrical signals. | | **Preamplifier** | Boosts the tiny current from the photodiode. | | **AGC (Auto Gain Control)** | Adjusts sensitivity to suppress ambient light noise. | | **Band Pass Filter** | Blocks all frequencies except the specific carrier frequency (e.g., 38kHz). | | **Demodulator** | Extracts the data envelope from the carrier wave. | --- ### 2. Pin Configuration The TSOP752 typically uses a 4-pin or 3-pin surface-mount layout. | Pin Number | Name | Description | | :--- | :--- | :--- | | 1 | **GND** | Ground connection. | | 2 | **N.C.** | Not connected (physical support). | | 3 | **Vs** | Supply Voltage (typically 2.5V to 5.5V). | | 4 | **OUT** | Data output; active low. | --- ### 3. Technical Specifications These parameters define how the part interacts with a microcontroller like an Arduino or ESP32. * **Supply Voltage ($V_s$):** 2.5 V to 5.5 V. * **Supply Current ($I_s$):** Very low, typically 0.35 mA. * **Carrier Frequency ($f_0$):** Available in various frequencies (30kHz, 33kHz, 36kHz, **38kHz**, 40kHz, 56kHz). * **Transmission Distance:** Up to 45 meters (under ideal conditions). * **Output Signal:** Active Low (Idle state is High). --- ### 4. Application Circuit To ensure stable operation, a simple RC filter is recommended to protect the module from power supply ripples. ```cpp // Example: Basic connection logic // Pin 3 (Vs) -> 100 Ohm Resistor -> 5V Rail // Pin 3 (Vs) -> 4.7uF Capacitor -> GND // Pin 1 (GND) -> GND // Pin 4 (OUT) -> Digital Pin on MCU ``` --- ### 5. Distinguishing Features The TSOP752 is particularly valued for: 1. **High Immunity:** It is highly resistant to disturbance from sunlight and energy-saving lamps (CFLs). 2. **Size:** It features a very low profile (approx. 2.35mm height), making it ideal for thin consumer electronics like flat-screen TVs and tablets. 3. **Data Formats:** It is compatible with most common IR protocols, including RC5, RC6, Panasonic, and NEC.
    ✨ Follow-up Questions
    • ⤷ What is the difference between TSOP752 and TSOP754?
    • ⤷ How do I choose the correct carrier frequency for my IR project?
    • ⤷ Can the TSOP752 be used for high-speed data transmission?