Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • TSOP753..W

  • AI
    ## TSOP753..W Series: IR Receiver Modules The **TSOP753..W** series consists of miniaturized receivers for infrared (IR) remote control systems. These modules integrate a photo detector and a preamplifier into a single package, designed specifically to filter out noise while maintaining high sensitivity to IR signals. ### 1. Key Internal Components The internal architecture of the TSOP753..W is a complex System-in-Package (SiP) that includes: | Component | Function | | :--- | :--- | | **PIN Photodiode** | Converts IR light pulses into electrical current. | | **Preamplifier** | Amplifies the low-level signal from the photodiode. | | **Automatic Gain Control (AGC)** | Adjusts sensitivity to compensate for ambient light and distance. | | **Band Pass Filter** | Blocks all frequencies except the specific carrier frequency (e.g., 38kHz). | | **Demodulator** | Strips the carrier frequency to output the original digital data signal. | --- ### 2. Technical Specifications These parts are known for their wide supply voltage range and low power consumption, making them ideal for battery-operated devices. * **Supply Voltage ($V_S$):** 2.5 V to 5.5 V * **Supply Current ($I_S$):** Typ. 0.35 mA (at $V_S$ = 3.3 V) * **Carrier Frequency ($f_0$):** Available in 30, 33, 36, 38, 40, and 56 kHz versions. * **Transmission Distance:** Up to 45 meters (depending on the transmitter). * **Package Style:** Side-view or Top-view SMD options (Heimdall package). --- ### 3. Pin Configuration The device typically features four pins, though it acts as a 3-terminal device (GND, $V_S$, OUT). | Pin Number | Name | Description | | :---: | :--- | :--- | | 1 | **GND** | Ground connection. | | 2, 4 | **$V_S$** | Power supply voltage (internally connected). | | 3 | **OUT** | Demodulated data output (Active Low). | --- ### 4. Implementation Circuit To ensure stability, a simple RC filter is recommended for the power supply line to filter out ripples. ```cpp // Schematic representation: // [VCC] --- [Resistor 100 Ohm] ---+--- [VS Pin] // | // [Capacitor 4.7uF] // | // [GND] --------------------------+--- [GND Pin] // // [OUT Pin] --------------------------> [Microcontroller Input] ``` ### 5. Distinguishing Features of the "W" Version The "W" suffix in the TSOP753..W series indicates **Wide Bandwidth** or specific **Wide Angle** characteristics depending on the specific Vishay datasheet revision, but generally, it refers to the **Heimdall package** which is designed for robust surface mounting and improved optical performance compared to the older through-hole versions.
    ✨ Follow-up Questions
    • ⤷ What are the differences between AGC2
    • ⤷ AGC3
    • ⤷ and AGC4 versions of this sensor?
    • ⤷ How do I calculate the correct resistor value for the IR LED transmitter?
    • ⤷ Can this sensor be used for high-speed data transfer or only remote control protocols?