TSOP775..
AI

## Overview of the TSOP775 Series
The **TSOP775** is a miniaturized receiver module for infrared (IR) remote control systems. It is part of the Vishay Semiconductors product line and is specifically designed to handle high data rates and long-distance communication while providing excellent immunity against optical noise.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Supply Voltage ($V_S$)** | 2.5 V to 5.5 V |
| **Supply Current ($I_S$)** | 0.7 mA (typical) |
| **Transmission Distance** | Up to 45 meters |
| **Carrier Frequency** | 30 kHz to 56 kHz (model dependent) |
| **Directivity** | $\pm$ 45° (half-angle) |
| **Output Type** | Active Low |
---
### 2. Internal Components & Block Diagram
The TSOP775 is an Integrated Circuit (IC) that combines several electronic components into a single package:
1. **Photodetector:** A PIN diode that converts IR light pulses into electrical signals.
2. **Preamplifier:** Boosts the weak signal from the photodiode.
3. **Automatic Gain Control (AGC):** Dynamically adjusts sensitivity to filter out ambient light noise (like sunlight or fluorescent bulbs).
4. **Band Pass Filter:** Ensures only the specific carrier frequency (e.g., 38kHz) is processed.
5. **Demodulator:** Strips away the carrier frequency to output the original data signal.
---
### 3. Pin Configuration
The TSOP775 typically follows a standard 3-pin surface mount or through-hole layout:
| Pin Number | Name | Function |
| :---: | :--- | :--- |
| 1 | **OUT** | Data Output (Connects to Microcontroller) |
| 2 | **GND** | Ground |
| 3 | **$V_S$** | Power Supply (2.5V - 5.5V) |
---
### 4. Application Circuitry
To ensure stable operation, a simple RC filter is recommended at the supply pin to suppress power ripples.
```cpp
// Basic connection logic:
// [VCC] --- [100 Ohm Resistor] --- Pin 3 (Vs)
// Pin 3 (Vs) --- [4.7 uF Capacitor] --- [GND]
// Pin 2 (GND) ------------------------- [GND]
// Pin 1 (OUT) ------------------------- [MCU Digital Input]
```
---
### 5. Why Choose TSOP775?
* **High Sensitivity:** Can detect signals over very long distances.
* **Low Power Consumption:** Ideal for battery-operated devices.
* **Noise Suppression:** It features a specialized AGC (AGC5) which is optimized for continuous data transmission and suppression of interference from energy-saving lamps (CFLs).
---
- ⤷
What are the differences between AGC types in TSOP receivers?
- ⤷ How do I calculate the resistor and capacitor values for the RC filter?
- ⤷ Is the TSOP775 compatible with standard 38kHz TV remote protocols?