Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • TSOP775..W

  • AI
    ## Understanding the TSOP775..W Series The **TSOP775..W** is a series of miniaturized infrared (IR) receiver modules designed for remote control systems. These parts integrate a photodiode, preamplifier, and control circuit into a single package, making them highly efficient for sensing IR signals. ### 1. Key Internal Components The internal circuitry of the TSOP775..W consists of several stages to ensure signal integrity: | Component | Function | | :--- | :--- | | **Photodetector** | Converts incoming IR light pulses into electrical current. | | **Preamplifier** | Boosts the weak electrical signal from the photodiode. | | **Automatic Gain Control (AGC)** | Adjusts sensitivity to compensate for ambient light interference. | | **Band Pass Filter** | Filters out frequencies outside the specific carrier frequency (e.g., 38kHz). | | **Demodulator** | Extracts the data signal from the carrier wave and outputs it as digital pulses. | --- ### 2. Technical Specifications The "W" suffix usually denotes a wide-angle or specific package enhancement. Below are the typical electrical characteristics for this series: | Parameter | Value/Range | | :--- | :--- | | **Supply Voltage ($V_S$)** | 2.5 V to 5.5 V | | **Supply Current ($I_S$)** | 0.35 mA (typical) | | **Carrier Frequency ($f_0$)** | 30 kHz to 56 kHz (model dependent) | | **Transmission Distance** | Up to 45 meters | | **Output Type** | Active Low (normally high, pulls to GND when signal detected) | --- ### 3. Pin Configuration The TSOP775..W usually features a 3-pin lead frame. The standard pinout is as follows: 1. **OUT:** Data output (connects to a microcontroller GPIO). 2. **GND:** Ground connection. 3. **$V_S$:** Power supply. --- ### 4. Application Circuit To ensure the best performance and noise immunity, a simple RC filter is recommended on the supply line. ```c // Typical Connection Diagram // [TSOP775 Pin] -------- [Microcontroller] // 1. OUT ----------------> Digital Input // 2. GND ----------------> Ground // 3. Vs ----[ 100 Ohm ]--+--> 3.3V / 5V // | // [ 4.7uF Cap ] // | // Ground ``` ### 5. Features of the "W" Version * **Wide Viewing Angle:** Optimized for receiving signals from various angles (often ±45°). * **High Immunity:** Excellent resistance against optical noise (fluorescent lamps, LCD backlights). * **Low Power:** Ideal for battery-operated devices due to extremely low current consumption. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific carrier frequency options available for the TSOP775 series?
    • ⤷ How does the AGC4 version differ from the AGC2 version in this series?
    • ⤷ What is the recommended maximum baud rate for data transmission with this receiver?