Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • TSOP952..

  • AI
    ## Overview of the TSOP952 Series The **TSOP952** is a miniaturized receiver module designed for infrared (IR) remote control systems. It belongs to a family of high-performance IR receivers that integrate a photopinhole, a preamplifier, and an internal filter for PCM (Pulse Code Modulation) frequency. ### Key Technical Specifications | Parameter | Value / Range | | :--- | :--- | | **Supply Voltage (Vcc)** | 2.0 V to 3.6 V | | **Supply Current (Is)** | 0.35 mA (typical) | | **Carrier Frequency** | 30 kHz to 56 kHz (model dependent) | | **Transmission Distance** | Up to 40 meters | | **Output Type** | Active Low | | **Operating Temperature** | -25 °C to +85 °C | --- ### Internal Block Diagram Components The TSOP952 is an integrated circuit (IC) that contains several electronic sub-parts: 1. **Photo Diode:** Converts incoming infrared light into a small electrical current. 2. **Preamplifier:** Amplifies the weak signal from the photodiode. 3. **Automatic Gain Control (AGC):** Adjusts the gain to suppress noise from ambient light (like sunlight or fluorescent bulbs). 4. **Band Pass Filter:** Specifically tuned to the carrier frequency (e.g., 38 kHz) to block out other IR sources. 5. **Demodulator:** Removes the carrier frequency to output the original data signal (the "envelope"). --- ### Pin Configuration The device typically features three pins, which are essential for its operation in a circuit: | Pin Number | Name | Description | | :--- | :--- | :--- | | 1 | **OUT** | Data output; connects to a microcontroller. | | 2 | **GND** | Ground connection. | | 3 | **Vs** | Power supply (2.0V - 3.6V). | --- ### Design Best Practices To ensure the TSOP952 functions correctly in an electronic design, the following external components are recommended: * **RC Filter:** A resistor ($R_1 \approx 100 \Omega$) and a capacitor ($C_1 \approx 0.1 \mu F$) should be placed on the $V_s$ line to suppress power supply noise. * **Pull-up Resistor:** While many versions have an internal pull-up, adding an external $10 k\Omega$ resistor to the `OUT` pin can improve signal integrity in noisy environments. ```python # Conceptual Microcontroller Integration (Pseudocode) import machine ir_pin = machine.Pin(14, machine.Pin.IN) def handle_interrupt(pin): # This function triggers when the TSOP952 detects a signal print("IR Signal Detected: Low Pulse Received") ir_pin.irq(trigger=machine.Pin.IRQ_FALLING, handler=handle_interrupt) ```
    ✨ Follow-up Questions
    • ⤷What is the difference between the TSOP952 and the TSOP954 series?
    • ⤷ How does the AGC4 algorithm in the TSOP952 handle optical noise?
    • ⤷ Can the TSOP952 be used with 5V logic systems?