Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • TSOP962..

  • AI
    ## Understanding the TSOP962 Series The **TSOP962** (specifically the TSOP962.. series) is a miniaturized receiver module designed for infrared (IR) remote control systems. It integrates a PIN diode, a preamplifier, and an internal filter for PCM frequency into a single package. ### Key Specifications and Features | Property | Specification | | :--- | :--- | | **Supply Voltage ($V_S$)** | 2.0 V to 3.6 V | | **Supply Current ($I_S$)** | 0.35 mA to 0.45 mA | | **Carrier Frequency ($f_0$)** | 30 kHz to 56 kHz (depends on sub-model) | | **Transmission Distance** | Up to 40 meters | | **Directivity** | $\pm$ 45 degrees (half-angle) | | **Output Type** | Active Low (pulses low when IR signal detected) | --- ### Internal Architecture The TSOP962 is more than just a light sensor; it is a sophisticated Integrated Circuit (IC). Its internal components include: 1. **PIN Photodiode:** Converts IR light into an electrical signal. 2. **Automatic Gain Control (AGC):** Adjusts sensitivity to suppress noise from fluorescent lamps or sunlight. 3. **Band Pass Filter:** Specifically tuned to the carrier frequency (e.g., 38 kHz) to ignore other light sources. 4. **Demodulator:** Strips away the carrier frequency to provide a clean data pulse to the microcontroller (MCU). --- ### Application Circuit To use the TSOP962 in a circuit, a basic RC filter is recommended to suppress power supply ripples. ```cpp // Typical Pinout Configuration // 1 = OUT (Data out to MCU) // 2 = GND (Ground) // 3 = VS (Supply Voltage) // Simplified Connection Diagram: // [MCU Pin] <---- [Pin 1: OUT] // [GND] <---- [Pin 2: GND] // [+3.3V] <---- [Resistor 100R] ---- [Pin 3: VS] // | // [Capacitor 4.7uF] // | // [GND] ``` --- ### Distinctive Advantages * **Low Power Consumption:** Ideal for battery-operated devices. * **High Immunity:** Specifically designed to ignore "optical noise" from energy-saving lamps (CFLs) and plasma TVs. * **Small Footprint:** Its surface-mount design allows for integration into slim consumer electronics like smartphones or remote controllers.
    ✨ Follow-up Questions
    • ⤷ What are the specific carrier frequency options for the TSOP962 series?
    • ⤷ How does the AGC4 algorithm in the TSOP962 differ from other models for noise suppression?
    • ⤷ Can the TSOP962 operate at 5V logic levels safely?