Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • TT-1G-R

  • AI
    The **TT-1G-R** is a specific electronic component, primarily known as a **Thru-Hole Tuning Fork Crystal Oscillator**. It is widely used in timing circuits for consumer electronics, industrial controllers, and telecommunications. Below is a detailed breakdown of its specifications, internal parts, and application data. --- ### 1. General Specifications The TT-1G-R belongs to a family of quartz crystals optimized for low-frequency precision. | Feature | Specification | | :--- | :--- | | **Frequency** | Typically 32.768 kHz (Standard for RTC) | | **Package Type** | Cylindrical (Radial) Thru-Hole | | **Material** | Quartz Crystal (SiO2) | | **Load Capacitance** | Generally 6pF to 12.5pF | | **Tolerance** | ±10 ppm to ±20 ppm | | **Operating Temp** | -10°C to +60°C or -40°C to +85°C | --- ### 2. Internal Electronic Structure The "TT" in the part number often refers to the **Tuning Fork** geometry of the quartz inside the metal housing. * **Quartz Resonator:** A tiny piece of quartz cut in the shape of a tuning fork. When an electric field is applied, it vibrates at a highly stable frequency. * **Electrodes:** Thin layers of metal (usually gold or silver) deposited onto the quartz "tines" to facilitate the piezoelectric effect. * **Hermetic Seal:** The metal cylinder is filled with an inert gas (usually Nitrogen) or vacuum-sealed to prevent oxidation and moisture from affecting the frequency. * **Leads:** Tin-plated copper alloy wires used for mounting on a PCB (Printed Circuit Board). --- ### 3. Part Number Breakdown (Generic) While specific manufacturers vary slightly, the code **TT-1G-R** generally breaks down as follows: * **TT:** Series designator (Tuning Fork / Thru-Hole). * **1G:** Size code (refers to the diameter of the cylinder, often 1mm or 2mm). * **R:** Compliance indicator (often stands for **RoHS Compliant**). --- ### 4. Typical Application Circuit To use the TT-1G-R in a circuit (such as a Real-Time Clock), it is paired with two load capacitors ($C_1$ and $C_2$) and an inverter (usually integrated into the MCU). ```cpp // Schematic Logic Representation [MCU_OSC_IN] ---+--- [TT-1G-R] ---+--- [MCU_OSC_OUT] | | [C1] [C2] | | (GND) (GND) ``` --- ### 5. Common Use Cases * **Real-Time Clocks (RTC):** Keeping time in appliances, smart meters, and computers. * **Power Management:** Used as a low-power "wake-up" timer for microcontrollers in sleep mode. * **Communication:** Synchronization in low-speed data transmission modules.
    ✨ Follow-up Questions
    • ⤷ What is the significance of the 32.768 kHz frequency in these crystals?
    • ⤷ How do I calculate the correct load capacitance for the TT-1G-R?
    • ⤷ What are the advantages of a tuning fork crystal over a standard AT-cut crystal?