Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • TTL-232R-RPI

  • AI
    The **TTL-232R-RPI** is a USB-to-TTL serial UART converter cable specifically designed for use with the Raspberry Pi. It provides a bridge between a standard USB port and the Raspberry Pi's low-level UART (Universal Asynchronous Receiver-Transmitter) pins. --- ### 1. Key Internal Components The cable functions as a specialized adapter rather than just a bundle of wires. Its core functionality is contained within the USB connector shell. | Component | Function | | :--- | :--- | | **FT232RQ IC** | The "brain" of the cable. It handles the USB protocol and converts data to/from asynchronous serial format. | | **EEPROM** | Internal memory that stores the USB Vendor ID (VID), Product ID (PID), and device strings. | | **Voltage Regulator** | Converts the 5V USB power to the 3.3V logic level required for the Raspberry Pi pins. | | **LED Indicators** | (In some variants) Visual feedback for Transmit (TX) and Receive (RX) data traffic. | --- ### 2. Technical Specifications Unlike standard RS-232 cables (which use +/- 12V), this cable uses **TTL (Transistor-Transistor Logic)** levels, which are safe for microcontrollers. * **USB Interface:** USB 2.0 Full Speed compatible. * **Logic Level:** 3.3V (Crucial for Raspberry Pi to prevent damaging the GPIO). * **Data Rates:** Supports baud rates from 300 baud up to 3 Mbaud. * **Power Output:** Can provide 5V power from the USB port to the Pi (if connected to the 5V pin). --- ### 3. Pinout Configuration The cable typically terminates in three or four separate 0.1" pitch female headers. | Wire Color | Signal Name | Description | | :--- | :--- | :--- | | **Black** | GND | Ground - Common reference for signals. | | **Orange** | TXD | Transmit Data - Connects to Pi's RXD (Pin 10). | | **Yellow** | RXD | Receive Data - Connects to Pi's TXD (Pin 8). | | **Red** | VCC | 5V Power - (Optional) Can power the Pi directly. | --- ### 4. Why it is used with Raspberry Pi 1. **Headless Access:** It allows you to access the Linux terminal (console) via a PC without needing a monitor or keyboard connected to the Pi. 2. **Debugging:** It is the primary way to see boot-up logs and kernel messages if the Pi fails to boot or cannot connect to the network. 3. **Safety:** The FTDI chip handles the logic level shifting, ensuring the Pi's 3.3V sensitive pins are never exposed to high voltages.
    ✨ Follow-up Questions
    • ⤷ What is the difference between TTL and RS-232 signaling?
    • ⤷ Can I use this cable to power a Raspberry Pi 4?
    • ⤷ How do I install the drivers for the FT232RQ chip on Windows?