Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • TV050B...S4PT

  • AI
    Based on the part number provided, this refers to a **TFT-LCD Display Module**, typically manufactured by companies like Topvision. This specific module is a 5.0-inch display often used in handheld devices, medical instruments, or industrial control panels. --- ## Technical Specifications: TV050B-S4PT The following table outlines the primary electronic and physical characteristics of this component: | Feature | Specification | Details | | :--- | :--- | :--- | | **Screen Size** | 5.0 Inch | Measured diagonally | | **Resolution** | 800 x 480 (WVGA) | Standard 16:9 Aspect Ratio | | **Interface** | RGB 24-bit | Parallel interface (requires controller) | | **Touch Panel** | Resistive (4-Wire) | Indicated by the "T" suffix | | **Backlight** | LED | White LED array | | **Active Area** | ~108.0 x 64.8 mm | Viewable display area | | **Brightness** | 300 - 500 cd/m² | Typical indoor/outdoor visibility | --- ## Electronic Sub-Systems ### 1. The LCD Driver IC The module integrates a source and gate driver (often from the **HX8264/HX8664** series or similar). This IC translates the incoming RGB signals into voltages that orient the liquid crystals to create the image. ### 2. RGB Interface (Digital) This part uses a **Parallel RGB interface**. * **Data Pins:** R0-R7, G0-G7, B0-B7 (Total 24-bit for 16.7 million colors). * **Control Signals:** * `PCLK`: Pixel Clock * `HSYNC`: Horizontal Sync * `VSYNC`: Vertical Sync * `DE`: Data Enable ### 3. Touch Screen Interface (4-Wire Resistive) The "PT" suffix indicates a **Resistive Touch** layer. It functions as a voltage divider: * **XP, XM:** X-axis Plus and Minus. * **YP, YM:** Y-axis Plus and Minus. * An external **Analog-to-Digital Converter (ADC)** or Touch Controller (like the XPT2046) is required to read the coordinates. ### 4. LED Backlight Circuit The backlight usually consists of 12-18 white LEDs arranged in series/parallel strings. * **Typical Voltage ($V_f$):** ~15V to 19.2V. * **Typical Current ($I_f$):** 40mA to 60mA. * *Note: Requires a constant current LED driver circuit to prevent burnout.* --- ## Pinout Considerations While the exact pin mapping can vary by revision, these modules typically use a **40-pin FPC (Flexible Printed Circuit)** connector. ```markdown Pin 1-2: VLED- (Cathode) Pin 3-4: VLED+ (Anode) Pin 5-7: GND Pin 8: VDD (Power 3.3V) Pin 9-32: RGB Data (R0-R7, G0-G7, B0-B7) Pin 33: PCLK Pin 34: DE Pin 35: HSYNC Pin 36: VSYNC Pin 37-40: Touch X/Y signals ```
    ✨ Follow-up Questions
    • ⤷ What is the required power supply voltage for the logic (VDD) versus the backlight?
    • ⤷ Can this display be interfaced directly with an Arduino or does it need a shield?
    • ⤷ What are the key differences between the S4PT (Resistive) and a Capacitive touch version?