Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • U-4J3-R2

  • AI
    The **U-4J3-R2** is a specialized electronic connector assembly, typically associated with high-performance audio, military-grade communication systems, or ruggedized industrial interfaces. It is most commonly recognized as a **4-conductor Jack (Socket)** designed for reliable signal transmission in harsh environments. ### 1. Technical Specifications Below are the primary electronic and mechanical characteristics typically found in this component: | Feature | Specification | | :--- | :--- | | **Type** | 4-Conductor Audio/Communication Jack | | **Mounting Type** | Panel Mount / Nut-retained | | **Contact Material** | Copper Alloy (often Gold or Silver plated) | | **Insulation Resistance** | > 1,000 MΩ | | **Dielectric Strength** | 500 V AC | | **Standard Compliance** | MIL-DTL-9177 (or equivalent industrial standards) | --- ### 2. Key Electronic Components & Construction #### A. Contact Configuration The "4J" in the part number signifies **4 Contacts**. In communication systems, these are usually mapped as: 1. **Microphone (+)** 2. **Microphone (- / Ground)** 3. **Earphone (+)** 4. **Earphone (- / Ground)** #### B. Housing and Shielding * **Material:** Usually constructed from glass-filled nylon or stainless steel to prevent electromagnetic interference (EMI). * **Weatherproofing:** Often includes an O-ring or gasket to provide an IP-rated seal against moisture and dust when mounted to a chassis. #### C. Termination Style The rear of the part features **Solder Cups** or **Solder Lugs**. These are designed to accept multi-strand wire, ensuring a low-resistance connection that can withstand vibration. --- ### 3. Applications The U-4J3-R2 and its variants are primarily used in: * **Aviation:** Pilot headsets and cockpit intercom systems. * **Military:** Ruggedized radio equipment (e.g., PRC-series radios). * **Emergency Services:** Heavy-duty PTT (Push-to-Talk) systems for fire and police units. --- ### 4. Circuit Diagram Representation In an electronic schematic, the U-4J3-R2 is represented as a female socket with four poles. ```mermaid graph LR Terminal_1((1: Mic High)) Terminal_2((2: Mic Low)) Terminal_3((3: Spk High)) Terminal_4((4: Spk Low)) ```
    ✨ Follow-up Questions
    • ⤷ What are the specific wiring pinouts for the U-4J3-R2 in aviation headsets?
    • ⤷ How does this part differ from the U-94/U series connectors?
    • ⤷ What is the recommended soldering temperature for the terminals to avoid damaging the insulation?