Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • U-A2-R1

  • AI
    Based on the technical identification, the **U-A2-R1** refers to a specific configuration of a high-power industrial power supply unit, typically associated with the **Cosel U-series**. These are widely used in industrial automation, telecommunications, and medical equipment. --- ### 1. Key Technical Specifications The "U-A2-R1" designation breaks down into specific electrical characteristics: | Parameter | Specification | |:---|:---| | **Series** | Cosel U-Series (Industrial Grade) | | **Output Voltage** | 5V / 12V / 24V (depending on the A2 configuration) | | **Cooling** | Convection or Forced Air | | **Safety Approvals** | UL60950-1, EN60950-1 | | **Input Range** | AC 85V - 132V / AC 170V - 264V (Auto-switching) | --- ### 2. Electronic Component Breakdown The internal architecture of this unit consists of several critical electronic stages: #### A. Input Section (EMI Filtering) * **X and Y Capacitors:** Used for differential and common-mode noise suppression. * **Varistors (MOV):** Protect the internal circuits from voltage surges and lightning strikes. * **Bridge Rectifier:** Converts AC input into high-voltage DC. #### B. Switching Section (DC-DC Conversion) * **Power MOSFETs:** Act as high-speed switches to chop the DC voltage into high-frequency pulses. * **PWM Controller IC:** Regulates the duty cycle of the MOSFETs to ensure stable output voltage despite load changes. * **Transformer:** Provides galvanic isolation between the high-voltage input and low-voltage output. #### C. Output Section (Rectification and Smoothing) * **Schottky Barrier Diodes (SBD):** Rectify the high-frequency AC from the transformer back into DC with minimal power loss. * **Electrolytic Capacitors (Low ESR):** Smooth out voltage ripples. * **R1 Suffix Components:** Often indicates the inclusion of a remote sensing circuit or a specific connector terminal type. --- ### 3. Safety and Protection Circuits The unit includes dedicated components for fault protection: 1. **Overcurrent Protection (OCP):** Shuts down or limits current if the load exceeds rated capacity. 2. **Overvoltage Protection (OVP):** Uses a Zener diode or comparator to shut down the unit if the output voltage spikes. 3. **Thermal Protection:** Thermistors monitor the temperature of the heat sinks. --- ### 4. Application Context The **R1** modification usually implies a specific hardware revision or a remote control functionality: * **Remote On/Off:** Allows the user to toggle the power supply electronically without a physical AC switch. * **Remote Sensing:** Compensates for voltage drops across long output wires by measuring voltage directly at the load.
    ✨ Follow-up Questions
    • ⤷ What is the exact output voltage of your specific U-A2-R1 unit?
    • ⤷ Are you looking for a pinout diagram for the R1 terminal connector?
    • ⤷ Do you need troubleshooting steps for a unit that is failing to power on?