Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • U-P4-RX

  • AI
    The **U-P4-RX** typically refers to a high-performance **UHF (Ultra High Frequency) Wireless Receiver** module, often used in professional audio systems, remote control applications, or telemetry. Below is a detailed breakdown of its electronic components and architectural design. --- ## 1. Core Component Breakdown The electronic architecture of the U-P4-RX is centered around signal stability and noise reduction. | Component Category | Primary Function | Typical Electronic Part | | :--- | :--- | :--- | | **RF Front-End** | Captures and filters incoming radio waves. | SAW Filters, Low Noise Amplifier (LNA) | | **Demodulator IC** | Extracts the information signal from the carrier wave. | PLL (Phase-Locked Loop) Synthesizer | | **Microcontroller (MCU)** | Manages channel switching, LED indicators, and logic. | ARM Cortex or 8-bit RISC Microchip | | **Audio/Data Processor** | Cleans the output signal and manages gain. | Op-Amps (e.g., NE5532) and Compander circuits | | **Power Management** | Regulates voltage for sensitive RF circuits. | LDO (Low Dropout) Regulators | --- ## 2. Technical Specifications From an electronics engineering perspective, the U-P4-RX operates with the following parameters: * **Frequency Range:** Usually 470MHz – 960MHz (UHF Band). * **Sensitivity:** Typically -95dBm to -105dBm (determines how weak a signal can be received). * **Selectivity:** High-order bandpass filters to prevent interference from adjacent channels. * **Operating Voltage:** Commonly 3.3V to 5V DC. --- ## 3. Key Circuitry Features ### A. Diversity Reception Most "RX" (Receiver) units in this class utilize **Antenna Diversity**. The electronics include a switch (RF Switch IC) that toggles between two antennas to select the strongest signal, preventing "dead spots" caused by phase cancellation. ### B. Squelch Circuit To prevent loud bursts of static when the transmitter is off, the U-P4-RX employs a **Squelch Circuit**. This monitors the Signal-to-Noise Ratio (SNR) and mutes the output if the signal falls below a specific threshold. ### C. Frequency Synthesis (PLL) Instead of fixed crystals, it uses a **Phase-Locked Loop (PLL)**. This allows the user to change frequencies electronically via the MCU, which sends a digital command to the local oscillator to lock onto a specific frequency. --- ## 4. Connection Interface The physical pins or connectors on the board usually follow this standard: ```markdown 1. VCC - Power Input (+) 2. GND - Ground (-) 3. AF - Audio Frequency / Data Output 4. RSSI - Received Signal Strength Indicator (Analog voltage output) 5. SQ - Squelch Status / Mute Control ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the U-P4-RX module?
    • ⤷ How do I adjust the squelch sensitivity on this receiver?
    • ⤷ Which transmitters are compatible with the U-P4-RX system?