Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • U321HG

  • AI
    The **U321HG** (often associated with the **P-Line** by Philips or specific industrial monitor components) refers to a 32-inch High-Definition display assembly. The internal electronic architecture is divided into several critical subsystems that manage power, signal processing, and visual output. --- ## 1. Core Electronic Components The electronics of the U321HG are typically organized into three main PCBs (Printed Circuit Boards). ### Component Breakdown | Component | Function | Key Features | |:---|:---|:---| | **Main Logic Board (AD Board)** | The "Brain" of the unit. Processes incoming video signals. | Contains the Scaler IC, HDMI/DP controllers, and EDID EEPROM. | | **Power Supply Unit (PSU)** | Converts AC wall power to DC voltages. | Usually outputs 12V, 5V, and 3.3V rails; includes PFC (Power Factor Correction). | | **LED Driver / Inverter** | Controls the backlight intensity. | Uses PWM (Pulse Width Modulation) for dimming control. | | **T-CON Board** | Timing Controller. | Translates video data into signals the LCD pixels can understand. | --- ## 2. Signal Processing Path The electronic flow follows a specific path to ensure high-speed data transmission without latency: 1. **Input Interface:** The HDMI or DisplayPort connectors receive differential signals. 2. **Scaling & Processing:** The **Main SoC** (System on Chip) scales the resolution to the native 4K or QHD (depending on the specific panel revision) and handles color management. 3. **LVDS/V-by-One Interface:** The processed data is sent to the T-CON board via high-speed ribbon cables using either LVDS or V-by-One HS protocols. 4. **Panel Driving:** The T-CON activates the source and gate drivers integrated into the glass of the LCD panel. --- ## 3. Power Management Electronics The U321HG utilizes an **SMPS (Switched-Mode Power Supply)** design. Key electronic parts found here include: * **Bridge Rectifiers:** To convert AC to DC. * **Electrolytic Capacitors:** For voltage smoothing and filtering. * **MOSFETs:** Used as high-speed switches to regulate power efficiency. * **Optocouplers:** To provide electrical isolation between the high-voltage "hot" side and the low-voltage "cold" side for safety. --- ## 4. Protection Circuitry The device incorporates several protective electronic components to prevent hardware failure: * **TVS Diodes:** Protect against Electrostatic Discharge (ESD) on the HDMI/USB ports. * **Thermal Sensors:** Monitor the temperature of the LED backlight string to prevent overheating. * **Fuses:** Found on the input of the PSU and the T-CON board to prevent over-current damage.
    ✨ Follow-up Questions
    • ⤷ What are the common failure symptoms of the U321HG power board?
    • ⤷ How does the V-by-One interface differ from standard LVDS in these monitors?
    • ⤷ Can the T-CON board be replaced independently of the LCD panel?